Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HTK-25V821MIEB-R5

  • AI
    The **HTK-25V821MIEB-R5** is a high-performance **Conductive Polymer Hybrid Aluminum Electrolytic Capacitor**. These components are widely used in automotive and industrial electronics due to their ability to combine the low ESR (Equivalent Series Resistance) of polymer capacitors with the high voltage and low leakage current of liquid electrolytic capacitors. --- ### 1. Technical Specifications Breakdown The part number typically follows a specific nomenclature used by manufacturers (often associated with brands like **Lelon**). Here is the breakdown of its technical parameters: | Parameter | Specification | Description | |:---|:---|:---| | **Capacitance** | 820 µF | The storage capacity (821 code = 82 x 10^1). | | **Rated Voltage** | 25V | The maximum DC voltage the part can handle continuously. | | **Technology** | Hybrid Polymer | Combines solid polymer and liquid electrolyte. | | **Case Size** | 10mm x 12.5mm | Standard "E" or "F" size code (varies by series). | | **Tolerance** | ±20% (M) | Standard industry tolerance for electrolytic caps. | | **Temperature Range**| -55°C to +125°C | Designed for high-temperature environments. | | **Endurance** | 4,000 to 10,000 hrs | Rated life at maximum temperature. | --- ### 2. Key Features * **Low ESR:** Because it uses a conductive polymer, it has significantly lower resistance at high frequencies compared to standard electrolytic capacitors. * **High Ripple Current:** It can handle high amounts of AC current superimposed on the DC signal, making it ideal for power converters. * **Stable Characteristics:** Unlike standard liquid capacitors, its capacitance remains relatively stable even at extremely low temperatures. * **Safety:** The hybrid design offers a "self-healing" mechanism for the dielectric layer, reducing the risk of short-circuit failures. --- ### 3. Application Use Cases This specific part is generally used in demanding power management circuits: 1. **Automotive ECU:** Power filtering for Engine Control Units or ADAS sensors. 2. **DC/DC Converters:** Smoothing output voltage in high-efficiency switching power supplies. 3. **Industrial Automation:** Used in motor drives and PLC power stages where heat and vibration are present. 4. **Telecommunications:** Base station power modules requiring long-term reliability. --- ### 4. Circuit Representation In a schematic, this part is represented as a polarized capacitor: ```markdown Positive (+) | ----- ----- (Curved or shaded bar indicates Negative) | Negative (-) ```
    ✨ Follow-up Questions
    • ⤷ What is the main advantage of a Hybrid Polymer capacitor over a standard Electrolytic type?
    • ⤷ How do I interpret the '821' code in the part number?
    • ⤷ Can this capacitor be used in lead-free reflow soldering processes?