Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HTK-6V331MF80E-R2

  • AI
    ### Technical Overview of HTK-6V331MF80E-R2 The **HTK-6V331MF80E-R2** is a specific model of an **Aluminum Electrolytic Capacitor**, typically belonging to a high-temperature, low-impedance series. These components are designed for surface-mount technology (SMT) and are commonly used in power management and filtering circuits. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's primary electrical characteristics: | Component Code | Definition | Value/Description | | :--- | :--- | :--- | | **HTK** | Series Name | High temperature, high reliability series | | **6V** | Voltage Rating | 6.3 Volts (DC) | | **331** | Capacitance Code | 330 $\mu$F (33 + one zero) | | **M** | Tolerance | ±20% | | **F80** | Case Size | Often refers to 6.3mm x 8.0mm dimensions | | **E-R2** | Packaging/RoHS | Tape & Reel, Lead-free compliance | --- ### 2. Key Specifications Based on standard industry parameters for this series, here are the technical limits: * **Capacitance:** 330 $\mu$F * **Rated Voltage:** 6.3 VDC * **Operating Temperature:** Typically -55°C to +105°C (or +125°C depending on specific series variant). * **Mounting Type:** Surface Mount Device (SMD/V-Chip). * **Impedance:** Low ESR (Equivalent Series Resistance) for efficient high-frequency noise filtering. * **Lifetime:** Usually rated between 2,000 to 5,000 hours at maximum operating temperature. --- ### 3. Application Areas These capacitors are chosen for circuits where space is limited but high capacitance and stability are required: 1. **DC-DC Converters:** Used for smoothing output voltage ripples. 2. **Motherboards/Graphics Cards:** Providing stable power to microprocessors. 3. **Telecommunications:** In base stations and networking hardware due to high-temperature resilience. 4. **Automotive Electronics:** Used in non-safety critical infotainment or lighting control modules. --- ### 4. Handling and Soldering Since this is an **SMD V-Chip** component, specific precautions are necessary: * **Polarity:** Must be observed (marked by a colored band on the top of the canister). * **Reflow Soldering:** Must follow the JEDEC standard profile to avoid "popcorning" (internal pressure buildup) during the heating phase. * **Storage:** Should be kept in moisture-controlled environments to prevent oxidation of the solder pads. ---
    ✨ Follow-up Questions
    • ⤷What is the equivalent ESR value for the HTK series at 100kHz?
    • ⤷ Are there automotive-grade (AEC-Q200) versions of this capacitor?
    • ⤷ What are the footprint dimensions for the F80 case size?