Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HTL-63V121MIEN-R5

  • AI
    The **HTL-63V121MIEN-R5** is a high-performance electrolytic capacitor, typically used in industrial power electronics and motor control systems. This specific part belongs to a specialized category of components designed for high-voltage and high-temperature stability. --- ### 1. Component Specifications Based on the part number nomenclature, here are the primary technical characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Aluminum Electrolytic Capacitor | Polarized energy storage component. | | **Rated Voltage** | 63V | Maximum continuous operating voltage. | | **Capacitance** | 120µF (Approx.) | Identified by the "121" code (12 x 10^1). | | **Tolerance** | ±20% (M) | Standard industry tolerance for electrolytic parts. | | **Temp. Range** | -40°C to +105°C | Designed for high-heat environments. | | **Mounting** | SMD / Radial | Dependent on the final suffix (usually surface mount). | --- ### 2. Key Internal Components The electronic functionality of the HTL series relies on the following internal structures: 1. **Anode Foil:** High-purity aluminum etched to increase surface area, creating a higher capacitance in a small volume. 2. **Dielectric Layer:** A thin layer of Aluminum Oxide ($Al_2O_3$) formed on the anode foil. 3. **Electrolyte:** A conductive liquid or polymer that acts as the actual cathode, self-healing the dielectric layer if minor breakdowns occur. 4. **Separator Paper:** Prevents physical contact between the anode and cathode foils while holding the electrolyte in place. --- ### 3. Application Use Cases This specific part is often found in circuits requiring "Low ESR" (Equivalent Series Resistance) and high ripple current resistance: * **DC-DC Converters:** Filtering high-frequency noise in power supplies. * **Automotive Electronics:** Used in ECUs (Engine Control Units) where 105°C thermal stability is mandatory. * **LED Drivers:** Smoothing the output voltage to prevent flicker. * **Industrial Inverters:** Stabilizing the DC link voltage. --- ### 4. Identification Code Breakdown ```text HTL - 63V - 121 - M - IEN - R5 | | | | | | Series Volts Cap Tol Size RoHS/Tape ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'Low ESR' rating in this capacitor series?
    • ⤷ How does the '105°C' temperature rating affect the component's lifespan?
    • ⤷ What are the footprint dimensions for the IEN size code?