Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HTL-63V560MH10-R2

  • AI
    The part number **HTL-63V560MH10-R2** refers to a specific **Aluminum Electrolytic Capacitor**. These components are widely used in power management and filtering circuits due to their high capacitance-to-volume ratio. ### 1. Technical Specification Breakdown The alphanumeric code follows a standard industry naming convention (often associated with manufacturers like *Lelon* or *AiSHi*). | Parameter | Value | Description | | :--- | :--- | :--- | | **Series** | HTL | High Temperature / Low Impedance series | | **Rated Voltage** | 63V | Maximum DC voltage the part can handle | | **Capacitance** | 560µF | Nominal capacitance (560 microfarads) | | **Dimensions** | 10x... | Typically indicates a diameter of 10mm | | **RoHS Status** | R2 | Compliant with environmental regulations | --- ### 2. Physical and Performance Characteristics * **Capacitance (560µF):** Acts as a reservoir for electrical energy, smoothing out voltage ripples in DC power lines. * **Voltage Rating (63V):** Designed for systems operating at 48V or lower (providing a safety margin). Common in telecommunications and industrial equipment. * **Form Factor:** This is a **Radial Lead** component, meaning both wires exit from the bottom of the cylindrical housing for through-hole mounting on a PCB. * **Polarized:** As an electrolytic capacitor, it has a positive and negative terminal. Reversing the polarity can cause component failure. --- ### 3. Common Applications Due to the "HTL" (High-Temperature) designation, this part is frequently found in: 1. **Switch-Mode Power Supplies (SMPS):** Used for input/output filtering. 2. **LED Drivers:** Stabilization of current for high-power lighting. 3. **Industrial Controllers:** Filtering noise in 24V or 48V control systems. 4. **Audio Amplifiers:** Power rail decoupling to prevent signal interference. --- ### 4. Circuit Diagram Representation In a schematic, this part is represented by a polarized capacitor symbol: ```text + || - ----||---- || 560uF/63V ```
    ✨ Follow-up Questions
    • ⤷What is the typical lifespan of an HTL series capacitor at its maximum temperature?
    • ⤷ Can I substitute a 63V capacitor with a 100V capacitor of the same capacitance?
    • ⤷ How do I identify the negative lead on a radial electrolytic capacitor?