Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HTS-02-R

  • AI
    The **HTS-02-R** is a specialized electronic component, typically categorized as a **High-Temperature Humidity and Temperature Sensor**. It is widely used in industrial applications where environmental monitoring is required under challenging thermal conditions. --- ## 1. Core Specifications and Technical Overview The HTS-02-R integrates sensing elements to provide accurate data for both relative humidity (RH) and ambient temperature. | Feature | Specification (Typical) | | :--- | :--- | | **Sensor Type** | Capacitive Humidity / NTC or RTD Temperature | | **Operating Voltage** | 3.3V to 5.5V DC | | **Temperature Range** | -40°C to +120°C (High Temp variant) | | **Humidity Range** | 0% to 100% RH | | **Interface** | Analog (Voltage Divider) or I2C (depending on sub-model) | | **Response Time** | < 10 seconds | --- ## 2. Key Electronic Parts and Construction The internal architecture of the HTS-02-R consists of several critical layers: ### A. The Humidity Sensing Element This is usually a **polymer capacitive sensor**. As the humidity changes, the dielectric constant of the polymer film changes, resulting in a measurable change in capacitance. ### B. The Temperature Sensing Element Often utilizes a high-precision **Negative Temperature Coefficient (NTC) thermistor** or a **Platinum RTD**. This part is calibrated to remain stable even as the sensor reaches its upper temperature limits. ### C. Signal Conditioning Circuitry * **ADC (Analog to Digital Converter):** Converts the raw analog signals from the sensors into digital data. * **EEPROM:** Stores calibration coefficients programmed at the factory to ensure high accuracy. * **Voltage Regulator:** Protects the internal logic from fluctuations in the input power supply. --- ## 3. Implementation Example (Microcontroller Hookup) To interface the HTS-02-R with a microcontroller like an Arduino or ESP32, the wiring typically follows a standard 4-pin configuration. ```cpp // Example pseudocode for reading HTS-02-R via I2C #include #define HTS_ADDR 0x40 // Typical I2C address void setup() { Wire.begin(); Serial.begin(9600); } void loop() { Wire.beginTransmission(HTS_ADDR); Wire.write(0xE3); // Command to measure temperature Wire.endTransmission(); delay(50); Wire.requestFrom(HTS_ADDR, 2); if(Wire.available() <= 2) { int data = Wire.read() << 8 | Wire.read(); float temp = -46.85 + 175.72 * (data / 65536.0); Serial.print("Temperature: "); Serial.println(temp); } delay(1000); } ``` --- ## 4. Common Applications * **HVAC Systems:** Monitoring duct air quality and moisture. * **Drying Ovens:** Tracking humidity in industrial food or wood drying processes. * **Weather Stations:** Providing long-term stability in outdoor environments. * **Automotive:** Monitoring cabin climate or engine intake air moisture.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinouts for the HTS-02-R module?
    • ⤷ How does the HTS-02-R compare to the DHT22 in terms of accuracy?
    • ⤷ What is the maximum operating temperature for the HTS-02-R's housing?