Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HTS-03-R

  • AI
    ### Overview of the HTS-03-R The **HTS-03-R** is a high-precision, non-contact infrared (IR) temperature sensor module. It is widely used in industrial automation, medical thermometry, and smart home devices for detecting surface temperatures without physical contact. --- ### Key Technical Specifications The electronic performance of the HTS-03-R is defined by its integrated thermopile and signal conditioning circuitry. | Parameter | Specification | | :--- | :--- | | **Operating Voltage** | 3.3V to 5.0V DC | | **Operating Current** | < 2mA | | **Temperature Range (Object)** | -70°C to +380°C | | **Temperature Range (Ambient)** | -40°C to +125°C | | **Accuracy** | ±0.5°C (within medical range) | | **Interface/Output** | Analog Voltage / PWM / SMBus (depending on variant) | | **Field of View (FOV)** | 35° to 90° (Standard is usually 60°) | --- ### Internal Electronic Components The HTS-03-R is not a single component but a system-in-package (SiP) consisting of several critical electronic parts: #### 1. Thermopile Sensor Chip The core element that converts incoming infrared radiation into a tiny electrical voltage (microvolts). It consists of a series of thermocouples connected in series. #### 2. NTC Thermistor Because IR sensors measure the *difference* between the object and the sensor itself, an internal NTC (Negative Temperature Coefficient) thermistor is included to measure the "Ambient Temperature" of the sensor housing for compensation. #### 3. Signal Conditioning ASIC The raw signal from a thermopile is extremely weak and noisy. The internal ASIC (Application-Specific Integrated Circuit) performs: * **Amplification:** Boosting the microvolt signal. * **A/D Conversion:** Converting analog signals to a 17-bit or 19-bit digital value. * **Digital Signal Processing (DSP):** Calculating the actual temperature based on calibration constants stored in the EEPROM. #### 4. Optical Filter A silicon-based long-pass filter that blocks visible light and allows only specific infrared wavelengths (usually 5.5μm to 14μm) to pass through to the sensing element. --- ### Pin Configuration A typical HTS-03-R module usually follows a 4-pin layout for easy integration: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **VCC** | Power Supply (3.3V/5V) | | 2 | **SCL / PWM** | Serial Clock for I2C or PWM output signal | | 3 | **SDA / Data** | Serial Data for I2C communication | | 4 | **GND** | Ground | --- ### Typical Application Circuit When integrating the HTS-03-R with a microcontroller (like an Arduino or ESP32), pull-up resistors are required for the communication lines. ```cpp // Example: Basic I2C Initialization for HTS-03-R (MLX90614 compatible) #include #include Adafruit_MLX90614 mlx = Adafruit_MLX90614(); void setup() { Serial.begin(9600); if (!mlx.begin()) { Serial.println("Error connecting to HTS-03-R sensor. Check wiring."); while (1); }; } void loop() { Serial.print("Ambient: "); Serial.print(mlx.readAmbientTempC()); Serial.print(" C\tObject: "); Serial.print(mlx.readObjectTempC()); Serial.println(" C"); delay(1000); } ```
    ✨ Follow-up Questions
    • ⤷How does the HTS-03-R compare to the MLX90614 in terms of accuracy?
    • ⤷ What are the specific pull-up resistor values recommended for the I2C lines?
    • ⤷ Can this sensor be used for human body temperature scanning applications?