Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HTS-1A-R

  • AI
    The **HTS-1A-R** is a specific electronic component, typically categorized as a **High-Voltage Reed Relay**. These devices are designed to provide high isolation and switching capabilities for high-voltage circuits using an electromagnetic coil to control a reed switch. --- ### 1. Key Technical Specifications The following table highlights the typical electronic characteristics for the HTS-1A-R series: | Parameter | Specification (Typical) | |:---|:---| | **Contact Form** | 1 Form A (SPST-NO - Normally Open) | | **Switching Voltage** | Up to 10,000V DC (10kV) | | **Carry Current** | 2.0 Amps to 3.0 Amps | | **Isolation Voltage** | 15,000V DC (15kV) across contacts | | **Coil Voltage** | 5V, 12V, or 24V DC (Model dependent) | | **Contact Resistance** | < 150 mΩ | --- ### 2. Internal Components and Construction The HTS-1A-R consists of several critical electronic sub-parts: 1. **Reed Switch Capsule:** A hermetically sealed glass tube containing two ferromagnetic blades (reeds). The contacts are often plated with Rhodium or Tungsten to handle high-voltage arcing. 2. **Electromagnetic Coil:** Wrapped around the reed capsule. When current flows through this coil, it creates a magnetic field that pulls the reeds together to close the circuit. 3. **Encapsulation (Potting):** The entire assembly is usually potted in a high-dielectric epoxy resin. This prevents external arcing and protects the components from moisture and vibration. 4. **Magnetic Shielding:** Many "R" suffix models include internal Mu-metal shielding to prevent electromagnetic interference (EMI) from affecting nearby components or being affected by them. --- ### 3. Functional Operation The HTS-1A-R operates on the principle of **Electromagnetism**: * **De-energized State:** The reeds are separated by a small gap. Due to the vacuum or inert gas inside the capsule, this gap can withstand several kilovolts without breaking down. * **Energized State:** DC voltage is applied to the coil pins. The resulting magnetic field overcomes the mechanical tension of the reeds, snapping them together and allowing current to flow. --- ### 4. Common Applications Due to its high-voltage isolation, the HTS-1A-R is found in specific electronic environments: * **Medical Electronics:** Used in defibrillators or imaging equipment where high-voltage isolation is critical for patient safety. * **Test & Measurement:** Cable testers, insulation resistance testers (Megohmmeters), and semiconductor test equipment. * **Power Supplies:** High-voltage DC power supply switching and discharge circuits.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the HTS-1A-R and a standard mechanical relay?
    • ⤷ How does the '1 Form A' configuration affect circuit design?
    • ⤷ What precautions should be taken when soldering high-voltage reed relays?