Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HTS-1G-R

  • AI
    The **HTS-1G-R** is an electronic component, specifically a **high-precision, high-stability radial-leaded wirewound resistor**. These resistors are designed for applications requiring extreme accuracy, low temperature coefficients, and long-term stability. --- ### 1. Key Technical Specifications The HTS series is often utilized in military, aerospace, and high-end industrial instrumentation. Below are the typical electronic characteristics: | Feature | Specification Details | | :--- | :--- | | **Resistor Type** | Precision Wirewound | | **Tolerance Range** | $\pm 0.01\%$ to $\pm 1\%$ | | **Temperature Coefficient (TCR)** | As low as $\pm 2 \text{ ppm/}^\circ\text{C}$ | | **Power Rating** | Typically 0.25W to 1W (depending on size) | | **Construction** | Radial Leaded (Through-hole) | | **Stability** | $< 0.005\%$ per year shelf life | --- ### 2. Internal Construction The "HTS" designation usually refers to **High-Temperature Stability**. The electronic parts inside include: * **Resistance Wire:** Typically made from **Evanohm** or **Karma** alloys, which are chosen for their extremely low TCR and high resistivity. * **Mandrel/Bobbin:** A ceramic or epoxy core around which the wire is wound. It is non-hygroscopic to prevent moisture-induced drift. * **Encapsulation:** A molded epoxy or silicone coating that protects the wire from environmental oxidation and mechanical shock. * **Lead Material:** Tinned copper or gold-plated leads for superior conductivity and solderability. --- ### 3. Circuit Application Because of its high precision, the HTS-1G-R is commonly used in the following electronic circuits: 1. **Voltage Dividers:** Where the ratio between two resistors must remain constant across temperature changes. 2. **Bridge Networks:** Used in precision weighing scales and pressure sensors. 3. **Reference Standards:** Serving as a stable reference for calibration equipment. 4. **Gain Control:** In high-precision operational amplifier circuits. --- ### 4. Part Number Breakdown (Generic) While specific manufacturers vary, the suffix codes generally mean: * **HTS:** High-Temperature Stability Series. * **1G:** Often refers to the physical size or a specific resistance value (e.g., 1 Gigaohm or a specific power rating code). * **R:** Usually indicates **Radial** lead configuration or **RoHS** compliance.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between wirewound and metal film resistors in terms of stability?
    • ⤷ In what specific industrial equipment would you typically find the HTS-1G-R?
    • ⤷ How does the '1G' designation specifically affect the voltage rating of this part?