Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HTS-53-R/BL

  • AI
    The **HTS-53-R/BL** refers to a specific series of **Rotary DIP Switches** manufactured by companies like Hartmann (a Phoenix Mecano brand). These components are used to set binary or hexadecimal values on a PCB manually. --- ## 1. Technical Specifications The HTS-53 series is characterized by its compact size and high reliability in industrial environments. | Feature | Specification | | :--- | :--- | | **Type** | Rotary DIP Switch | | **Positions** | 10 (Decimal) or 16 (Hexadecimal) | | **Orientation** | Vertical / Top Actuated | | **Output Code** | BCD (Binary Coded Decimal) or Complement | | **Pitch** | 2.54 mm (Standard) | | **Operating Voltage** | Max 42V DC | | **Contact Rating** | 100mA (switching), 400mA (steady state) | --- ## 2. Key Electronic Components & Materials The device is comprised of several layers designed for signal integrity and mechanical durability: ### A. The Actuator (R/BL) * **R:** Refers to the "Rotor" or arrow-shaped actuator. * **BL:** Typically indicates the color (Blue) or a specific "Blind" (sealed) construction to prevent flux ingress during soldering. * **Function:** It allows the user to rotate the switch using a screwdriver to select a specific numeric position. ### B. Contact System * **Wiping Action:** The internal contacts use a "wiping" mechanism to clear oxidation every time the dial is turned. * **Plating:** Usually gold-plated over nickel to ensure low contact resistance ($< 80m\Omega$) and prevent corrosion over long periods. ### C. The Encoding Disc * Inside the switch is a coded PCB or metal disc. As the rotor turns, it connects specific pins to the common (C) pin to produce a binary output. --- ## 3. Truth Table (Binary Coded Decimal) For a standard 10-position HTS switch, the electronic output follows this logic: | Position | Pin 1 ($2^0$) | Pin 2 ($2^1$) | Pin 4 ($2^2$) | Pin 8 ($2^3$) | | :--- | :--- | :--- | :--- | :--- | | 0 | OFF | OFF | OFF | OFF | | 1 | **ON** | OFF | OFF | OFF | | 2 | OFF | **ON** | OFF | OFF | | 5 | **ON** | OFF | **ON** | OFF | | 9 | **ON** | OFF | OFF | **ON** | --- ## 4. Typical Applications * **Address Setting:** Assigning unique IDs to devices on a RS-485 or CAN bus network. * **Configuration:** Selecting operating modes on industrial PLCs or sensor controllers. * **Testing:** Manually overriding digital logic during circuit debugging.
    ✨ Follow-up Questions
    • ⤷ What is the difference between BCD and Hexadecimal coding in these switches?
    • ⤷ Are there surface mount (SMD) versions available for the HTS-53 series?
    • ⤷ How do I implement pull-up resistors when connecting this switch to a microcontroller?