Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HTS-N3-R

  • AI
    The **HTS-N3-R** is a specialized electronic component, typically categorized as a high-precision **Thin Film Chip Resistor** or a related temperature-sensitive element depending on the manufacturer (most commonly associated with brands like *Susumu* or *Hokuriku*). Below is a breakdown of its technical specifications and electronic characteristics. --- ## 1. Technical Specifications The "HTS" series generally refers to High-Temperature Stability components. Here are the typical parameters for this part: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Thin Film Chip Resistor / Thermal Sensor | | **Resistance Tolerance** | ±0.1% to ±1% (Precision Grade) | | **Package Size** | 0603 or 0805 (Metric 1608/2012) | | **Temperature Coefficient (TCR)** | ±25ppm/°C to ±50ppm/°C | | **Operating Temperature** | -55°C to +155°C | | **RoHS Compliant** | Yes | --- ## 2. Key Electronic Characteristics ### A. Thin Film Technology Unlike standard thick film resistors, the HTS-N3-R utilizes **Thin Film** deposition. This results in: * **Low Noise:** Minimal electronic hiss in signal processing circuits. * **High Stability:** The resistance value remains constant even under long-term electrical load. * **Precision:** Extremely tight tolerances for voltage division. ### B. Thermal Stability The "HTS" designation often implies **High-Temperature Stability**. These parts are designed to resist "drifting" (changing value) when the circuit board heats up, making them ideal for automotive or industrial control modules. ### C. N3 Designation The "N3" suffix often refers to the specific **Termination Material** or a specific **Resistance Taper/Value** code depending on the manufacturer’s internal catalog. Usually, "R" at the end signifies that the component is delivered in **Tape and Reel** packaging for automated SMT (Surface Mount Technology) assembly. --- ## 3. Common Applications Due to its precision and stability, the HTS-N3-R is found in: 1. **Medical Equipment:** High-accuracy monitoring devices. 2. **Automotive Electronics:** Engine Control Units (ECUs) and sensor interfaces. 3. **Telecommunications:** Base stations and high-frequency signal routing. 4. **Instrumentation:** Multimeters and industrial scales. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value of the HTS-N3-R in your specific circuit?
    • ⤷ How does thin film technology compare to thick film in terms of cost?
    • ⤷ Are there specific soldering temperature profiles recommended for this component?