Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HVF-02-R

  • AI
    The **HVF-02-R** is an electronic component primarily classified as a **High-Frequency (HF) Reed Relay**. It is designed for switching signals in high-speed digital circuits, telecommunications, and automated test equipment (ATE). Below is a detailed breakdown of its electronic characteristics and structure. --- ## 1. Core Specifications The HVF-02-R is engineered for low signal distortion and high reliability. | Parameter | Typical Value / Range | | :--- | :--- | | **Contact Form** | 1 Form A (Single Pole, Single Throw - NO) | | **Coil Voltage** | Typically 5V or 12V DC (Model dependent) | | **Switching Voltage** | Max 100V - 200V DC | | **Switching Current** | 0.5A (Typical) | | **Frequency Range** | Up to 1 GHz - 2 GHz | | **Package Type** | Surface Mount (SMD) or SIP (Single In-line) | --- ## 2. Electronic Construction The device consists of three main electronic sub-components: ### A. The Reed Switch * **Material:** Two ferromagnetic blades (reeds) hermetically sealed in a glass tube. * **Plating:** Usually plated with Rhodium or Ruthenium to ensure low contact resistance and long life cycle (millions of operations). * **Atmosphere:** The tube is filled with an inert gas (Nitrogen) to prevent oxidation. ### B. The Electromagnetic Coil * When a DC current passes through the copper wire coil, it creates a magnetic field. * This field magnetizes the reeds, causing them to attract each other and close the circuit. ### C. Internal Shielding * **Electrostatic Shield:** Often includes a shield between the coil and the reed to minimize capacitive coupling. * **Magnetic Shield:** The "R" in the suffix often denotes a design that reduces magnetic interference with adjacent relays on a PCB. --- ## 3. Key Electronic Advantages * **High Insulation Resistance:** Offers extremely high isolation (typically $>10^{10} \Omega$) when the contacts are open. * **Low Capacitance:** The physical gap between contacts is small, resulting in low picofarad (pF) capacitance, which is critical for high-frequency signal integrity. * **Fast Switching Speed:** Typical operate times are under 0.5ms, significantly faster than traditional electromechanical relays. --- ## 4. Application Context The HVF-02-R is commonly integrated into the following circuits: 1. **RF Signal Routing:** Switching between antennas or filters in radio equipment. 2. **High-Speed Oscilloscopes:** Used in the input attenuator stages. 3. **Semiconductor Testers:** Providing clean signal paths for testing microchips.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the HVF-02-R?
    • ⤷ How does the HVF-02-R compare to a solid-state relay in high-frequency applications?
    • ⤷ What is the maximum power rating (Watts) for the contacts on this relay?