Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HVF-3G-R

  • AI
    The **HVF-3G-R** is a specialized high-voltage electronic component, typically classified as a **High-Voltage Rectifier Diode** or a **High-Voltage Reed Relay** depending on the specific manufacturer (most commonly associated with high-voltage power supply rectification). Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications The "HVF" series is designed to handle extreme electrical stress. While parameters can vary slightly by brand, the standard specifications for this part are as follows: | Parameter | Typical Value | Description | |:---|:---|:---| | **Peak Inverse Voltage (PIV)** | 3.0 kV to 5.0 kV | Maximum voltage the part can withstand in reverse bias. | | **Average Forward Current** | 10mA - 500mA | The maximum continuous current allowed through the device. | | **Forward Voltage Drop** | 5V - 10V | Voltage loss across the component during conduction. | | **Recovery Time** | Fast Recovery | Optimized to switch off quickly to prevent energy loss. | | **Operating Temp** | -40°C to +120°C | Thermal range for stable electronic operation. | --- ### 2. Core Electronic Features #### A. High Dielectric Strength The "3G" in the part number often refers to the insulation class or the voltage rating (3kV). The casing is made of high-grade epoxy resin to prevent **arcing** or corona discharge between the leads. #### B. Junction Construction If the device is a diode, it utilizes a **Multi-Junction Stack**. Because a single silicon wafer cannot withstand thousands of volts, the internal structure consists of multiple diode chips connected in series inside a single package. #### C. Reverse Recovery Characteristics High-voltage circuits often operate at high frequencies (like in CRT monitors or X-ray power supplies). The HVF-3G-R is designed with "Fast Recovery" characteristics to minimize heat generation during high-speed switching. --- ### 3. Common Applications This component is used in circuits where standard low-voltage semiconductors would fail instantly: 1. **Laser Power Supplies:** Used to rectify the high voltage needed to excite gas lasers. 2. **X-Ray Equipment:** Part of the voltage multiplier circuit (Cockcroft-Walton generator). 3. **Air Purifiers/Ionizers:** Used to generate the static charge required to trap dust particles. 4. **Copy Machines:** High-voltage supply for the corona wires in toner transfer. --- ### 4. Circuit Symbol and Orientation In a schematic, the HVF-3G-R follows the standard diode symbol, but it is often accompanied by a warning symbol due to the high operating voltages. ```mermaid graph LR A[Anode +] ---|>|--- B[Cathode -] ``` *Note: The "R" suffix usually denotes **RoHS Compliance** (Restriction of Hazardous Substances), indicating the part is lead-free.* ---
    ✨ Follow-up Questions
    • ⤷ What is the specific maximum surge current for the HVF-3G-R?
    • ⤷ How do I test this component using a standard multimeter?
    • ⤷ What are the equivalent replacement parts for the HVF-3G-R?