Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HVF-F1-R

  • AI
    The **HVF-F1-R** is a high-voltage fuse link commonly used in electrical distribution systems, particularly in medium-voltage switchgear. It is designed to protect electrical equipment (like transformers) from overcurrents and short circuits. --- ### 1. Technical Specifications The following table highlights the core electronic and physical attributes of the HVF-F1-R: | Attribute | Specification | | :--- | :--- | | **Type** | High-Voltage Current Limiting Fuse | | **Rated Voltage** | 7.2 kV – 12 kV (Typical Range) | | **Rated Current** | Varies by sub-model (Commonly 1A - 100A) | | **Breaking Capacity** | Up to 40kA - 50kA | | **Standard** | IEC 60282-1 / DIN 43625 | | **Application** | Indoor/Outdoor Transformer Protection | --- ### 2. Internal Components & Construction The electronic functionality of the HVF-F1-R depends on its internal material composition: * **Fuse Element (The Silver Wire):** The core "electronic" part is a pure silver or silver-plated copper ribbon. It is notched at specific intervals to ensure precise melting points during a fault. * **Arc Quenching Medium:** The body is filled with high-purity **quartz sand**. When the fuse blows, the sand melts and turns into "fulgurite," which acts as an insulator to extinguish the electrical arc. * **The Ceramic Body:** Usually made of high-temperature porcelain or alumina ceramic to withstand extreme thermal shocks and internal pressure. * **Contact Caps:** Copper alloy caps (often silver-plated) ensure low contact resistance and high conductivity with the fuse holder. * **Striker Pin (Optional):** Many HVF models include a mechanical striker pin that pops out when the fuse blows to trigger a microswitch or trip a circuit breaker. --- ### 3. Electronic Performance Characteristics #### Current-Limiting Action The HVF-F1-R is "current-limiting." This means it reacts so quickly (within milliseconds) that it interrupts the fault current before it even reaches its first peak value. This prevents electromagnetic stress on the connected machinery. #### Time-Current Curves The device operates on an inverse-time principle: 1. **Overload:** It can carry its rated current indefinitely. 2. **Short Circuit:** The silver element vaporizes almost instantly when a specific energy threshold ($I^2t$) is reached. #### Heat Dissipation The design focuses on low power loss (Watts). If the resistance of the internal silver element is too high, the fuse will overheat under normal load, leading to nuisance tripping. --- ### 4. Application Safety To ensure the electronic integrity of the system, the HVF-F1-R should be used in conjunction with: * **Fuse Bases:** Specifically rated for the voltage class. * **Enclosures:** That allow for proper heat dissipation to prevent de-rating.
    ✨ Follow-up Questions
    • ⤷ What is the specific current rating for your HVF-F1-R application?
    • ⤷ Does your version of the HVF-F1-R include a mechanical striker pin?
    • ⤷ Are you replacing a blown fuse or designing a new protection circuit?