Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HVF-FA-R

  • AI
    The **HVF-FA-R** refers to a specific series of high-voltage fast-recovery diodes, typically used in power electronic circuits such as microwave ovens, X-ray power supplies, and high-frequency laser equipment. Below is an overview of its electronic characteristics and technical specifications. --- ### 1. Key Technical Specifications The "HVF" series is characterized by its high peak reverse voltage and rapid switching capability. | Parameter | Typical Value Range | Description | | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 8kV - 16kV | The maximum voltage the diode can withstand in the reverse direction. | | **Average Forward Current ($I_{F(AV)}$)** | 350mA - 500mA | The maximum amount of current the device can handle continuously. | | **Reverse Recovery Time ($t_{rr}$)** | 50ns - 100ns | The time taken for the diode to stop conducting after being switched off. | | **Forward Voltage Drop ($V_{F}$)** | 10V - 14V | The voltage loss across the diode when it is conducting. | | **Operating Temperature** | -40°C to +125°C | The thermal range for safe operation. | --- ### 2. Physical Construction These parts are designed to handle extreme electrical stress through specific physical features: * **Encapsulation:** Usually molded in high-dielectric epoxy resin to prevent arcing and corona discharge. * **Axial Leads:** Standard cylindrical shape with silver-plated copper leads for easy soldering onto PCBs. * **Internal Junction:** Uses a multi-stack silicon junction architecture to achieve high breakdown voltages. --- ### 3. Core Electronic Functions The HVF-FA-R performs three primary roles in a circuit: #### A. High-Speed Rectification Because of the **FA (Fast)** designation, these diodes can switch states much faster than standard power diodes. This makes them ideal for high-frequency switching power supplies (SMPS) where standard diodes would overheat due to switching losses. #### B. Reverse Voltage Protection They prevent back-flow of current in high-voltage DC lines, protecting sensitive components like capacitors and transformers from voltage spikes. #### C. Voltage Doubling In microwave oven circuits, these diodes are often paired with a high-voltage capacitor to create a "Voltage Doubler" circuit, converting high-voltage AC into even higher-voltage DC for the magnetron. --- ### 4. Common Applications * **Industrial:** High-frequency high-voltage power supplies and induction heating. * **Medical:** X-ray machines and CT scanners. * **Consumer:** Microwave ovens and electrostatic air cleaners. * **Scientific:** Particle accelerators and laser power modules.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'Fast Recovery' time in high-frequency circuits?
    • ⤷ How does the forward voltage drop (Vf) affect the efficiency of an HVF diode?
    • ⤷ What are the common failure modes for high-voltage diodes like the HVF-FA-R?