Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HVF-FC-R/Q

  • AI
    The **HVF-FC-R/Q** series typically refers to high-voltage, fast-recovery rectifier diodes or modules often utilized in microwave ovens, X-ray equipment, and high-frequency power supplies. Below is a detailed breakdown of the electronic specifications and components. --- ### 1. Technical Specifications These parts are designed to handle high peak reverse voltages while maintaining a very low recovery time to ensure efficiency in switching circuits. | Feature | Description | Typical Value | | :--- | :--- | :--- | | **Component Type** | High Voltage Silicon Rectifier | Diode / Stack | | **Peak Reverse Voltage ($V_{RRM}$)** | Maximum voltage in reverse bias | 8kV - 12kV | | **Average Forward Current ($I_{F}$)** | Continuous current capacity | 350mA - 500mA | | **Forward Voltage Drop ($V_{F}$)** | Voltage lost during conduction | ~10V - 14V | | **Reverse Recovery Time ($t_{rr}$)** | Speed of switching off | <100ns - 150ns | | **Operating Temperature** | Thermal range | -40°C to +130°C | --- ### 2. Key Electronic Characteristics #### A. Fast Recovery Time ($t_{rr}$) The "FC" in the nomenclature often denotes **Fast Characteristics**. Unlike standard rectifiers, these parts can switch from a conducting state to a blocking state almost instantly. This prevents power loss and overheating in high-frequency environments (like inverter-driven power supplies). #### B. Multi-Junction Stack Internally, the HVF-FC series consists of multiple silicon diode chips stacked in series. This is necessary because a single silicon junction cannot withstand kilovolt-level pressures. * **Encapsulation:** Usually molded in high-grade epoxy resin to prevent arcing and corona discharge. #### C. Avalanche Capability These parts are typically designed to withstand brief surges beyond their rated voltage without immediate catastrophic failure, a feature known as "Avalanche Protection." --- ### 3. Common Applications Due to their high-speed and high-voltage nature, they are predominantly found in: 1. **Microwave Oven Inverters:** Converting AC to the high-voltage DC required by the magnetron. 2. **Laser Power Supplies:** Providing stable high voltage for gas discharge. 3. **Electrostatic Precipitators:** Used in air purification systems. 4. **CRT Displays:** (Legacy use) in focus and anode voltage rectification. --- ### 4. Identification Code Breakdown While naming conventions vary by manufacturer (e.g., Origin, Fuji, or Sanken), the letters usually signify: * **HVF:** High Voltage Fast-recovery. * **FC:** Fast Characteristics / High Frequency. * **R/Q:** Specific packaging types or cathode/anode orientation (e.g., Ring terminals vs. Quick-connect tabs).
    ✨ Follow-up Questions
    • ⤷ What are the safety precautions when testing high-voltage diodes like the HVF-FC-R?
    • ⤷ How do I test if an HVF-FC series diode is faulty using a standard multimeter?
    • ⤷ What is the difference between a standard HV diode and a fast-recovery HV diode?