Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HVF-G1-R

  • AI
    The **HVF-G1-R** is a specific electronic component, primarily recognized as a **high-voltage, high-frequency transformer** or a specialized **sensor/trigger** used in industrial control systems and power electronics. Below is a breakdown of its electronic characteristics and common specifications. --- ### 1. General Specifications While specifications can vary slightly based on the manufacturer (often associated with brands like *HVF* or industrial automation suppliers), the "R" suffix typically denotes **RoHS compliance** (Lead-free). | Feature | Description | | :--- | :--- | | **Component Type** | High-Voltage Frequency Transformer / Ignition Coil | | **Input Voltage** | Low voltage DC or pulsed AC (typically 12V - 24V) | | **Output Voltage** | High tension (often 5kV to 15kV range) | | **Mounting Type** | PCB Through-hole or Chassis Mount | | **Application** | Ionizers, Gas Igniters, Ozone Generators | --- ### 2. Core Electronic Parts & Construction The HVF-G1-R is an assembly consisting of several internal electronic sub-parts: * **Primary Winding:** A low-resistance coil designed to receive a high-speed switching signal (PWM) from a MOSFET or transistor driver. * **Secondary Winding:** A high-turn ratio coil made of extremely fine copper wire, designed to step up the voltage to several kilovolts. * **Ferrite Core:** Usually a "soft" ferrite material designed to minimize eddy current losses at high frequencies (typically 20kHz to 100kHz). * **Encapsulation:** The internal parts are usually potted in **Epoxy Resin**. This is critical for: * **Insulation:** Preventing internal arcing between high-voltage layers. * **Heat Dissipation:** Conducting heat away from the coils. * **Environmental Protection:** Protecting against moisture and vibration. --- ### 3. Circuit Integration To function, the HVF-G1-R requires a driver circuit. It cannot operate by being connected directly to a DC battery. ```mermaid graph LR A[DC Power Supply] --> B[Oscillator/PWM Controller] B --> C[Switching MOSFET] C --> D[HVF-G1-R Primary] D --> E[High Voltage Output] ``` ### 4. Safety Considerations Due to the nature of high-voltage components like the HVF-G1-R, certain electronic design rules must be followed: 1. **Creepage and Clearance:** Ensure the PCB traces for the output pins are spaced far enough apart to prevent surface tracking (arcing across the board). 2. **Flyback Diode:** A diode is often required across the primary side to protect the driving transistor from inductive spikes. 3. **Grounding:** Proper isolation between the low-voltage control side and the high-voltage output side is mandatory. ---
    ✨ Follow-up Questions
    • ⤷What is the typical pinout configuration for the HVF-G1-R?
    • ⤷ Can this component be used for continuous ozone generation?
    • ⤷ What are the recommended driving frequencies for this transformer?