Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HVS-F2-R

  • AI
    The **HVS-F2-R** is an industrial-grade **High Voltage Connector** (often referred to as a manual service disconnect or high-voltage fuse connector) typically used in electric vehicles (EVs), energy storage systems (ESS), and heavy machinery. Below is a breakdown of its core electronic and mechanical components. --- ## 1. Technical Specifications The electrical performance of the HVS-F2-R is designed to handle high-current loads while maintaining safety in harsh environments. | Parameter | Specification | | :--- | :--- | | **Rated Voltage** | 1000V DC / 1500V DC (Model dependent) | | **Rated Current** | Up to 250A - 400A | | **Dielectric Strength** | 3000V AC | | **Insulation Resistance** | > 100MΩ | | **IP Rating** | IP67 / IP6K9K (Mated) | | **Operating Temp** | -40°C to +125°C | --- ## 2. Key Electronic & Physical Components ### A. Power Contacts (Pins and Sockets) * **Material:** Usually made of silver-plated or tin-plated Copper Alloy. * **Function:** Provides low-resistance conductivity to minimize heat generation during high-amperage transfer. * **Technology:** Often utilizes "RadLoks" or hyperbolic contact technology to increase surface area contact and vibration resistance. ### B. High Voltage Interlock Loop (HVIL) * **Purpose:** A low-voltage safety circuit integrated into the connector. * **Mechanism:** If the connector begins to vibrate loose or is manually unplugged while the system is live, the HVIL circuit breaks first. This signals the Battery Management System (BMS) to open the main contactors and cut power before an arc flash can occur. ### C. Internal Fuse (Optional Integration) * In some "F" series configurations (HVS-F), the housing contains a high-speed industrial fuse. * **Function:** Protects the downstream power electronics from over-current and short-circuit events. ### D. Housing and Shielding * **Shielding:** 360° EMI/EMC shielding to prevent the high-voltage lines from interfering with the vehicle's communication sensors (CAN bus). * **Insulation:** High-temperature thermoplastic (UL94-V0 rated) to prevent electrical tracking and fire hazards. --- ## 3. Safety Features The HVS-F2-R is engineered with several safety "failsafes": 1. **CPA (Connector Position Assurance):** A secondary locking mechanism that prevents accidental disconnection. 2. **Touch-Proof Design:** The pins are recessed so that a human finger cannot touch live parts (IP2B rating). 3. **Keying/Coding:** Mechanical notches that prevent plugging the connector into the wrong port (e.g., swapping positive and negative). --- ## 4. Typical Application Wiring ```cpp // Schematic representation of the HVIL circuit within the HVS-F2-R [ BMS Monitor ] ----(Pin A: HVIL In)---- [ Jumper in HVS Connector ] ----(Pin B: HVIL Out)---- [ Ground/Return ] ``` *If the loop is broken, the BMS triggers an "Isolation Fault" or "Interlock Error".* ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the HVS-F2-R and standard HVS-F1 models?
    • ⤷ How do you calculate the temperature rise for this connector under a 200A load?
    • ⤷ What are the specific torque requirements for mounting the HVS-F2-R busbars?