Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HVS-FA-R

  • AI
    The **HVS-FA-R** refers to a specific series of **High Voltage Silicon Rectifiers** (Diodes) commonly used in industrial power supplies, medical imaging (X-ray), and laser equipment. These components are designed to convert high-voltage AC into DC while handling significant reverse voltage stress. --- ### 1. Key Electronic Specifications The HVS-FA-R series is characterized by its "Fast Recovery" (FA) capabilities and high repetitive peak reverse voltage ($V_{RRM}$). | Parameter | Typical Value Range | Description | | :--- | :--- | :--- | | **$V_{RRM}$** | 8kV - 20kV | Maximum repetitive peak reverse voltage. | | **$I_{O}$** | 200mA - 500mA | Average forward rectified current. | | **$t_{rr}$** | 100ns - 150ns | **Reverse Recovery Time:** Speed at which the diode stops conducting after switching. | | **$V_{F}$** | 10V - 30V | Maximum forward voltage drop (at rated current). | | **$I_{FSM}$** | 10A - 30A | Peak forward surge current (8.3ms half sine wave). | --- ### 2. Physical & Internal Construction These parts are not single-junction diodes but rather **multi-junction stacks** encapsulated in a molded resin. * **Molded Case:** Usually a cylindrical or rectangular axial-leaded package designed to prevent arcing and corona discharge. * **Silicon Pellets:** Multiple silicon diode chips are stacked in series internally to achieve the high kilovolt rating. * **Fast Recovery Diffusion:** The silicon is doped specifically to ensure low $t_{rr}$, reducing heat generation during high-frequency switching. --- ### 3. Critical Component Functions #### Fast Recovery (FA) The "FA" in the part number indicates **Fast Recovery**. Standard high-voltage rectifiers can be slow; however, in modern switch-mode power supplies (SMPS), the diode must turn off quickly to prevent power loss and electromagnetic interference (EMI). #### Avalanche Capability Most HVS-FA-R components feature controlled avalanche characteristics. This means if a voltage spike exceeds the $V_{RRM}$, the device can dissipate a limited amount of energy without immediate catastrophic failure. --- ### 4. Typical Applications * **Medical Equipment:** High-voltage generators for X-ray and CT scanners. * **Industrial:** Electrostatic precipitators (air cleaners) and laser power supplies. * **Research:** High-voltage DC testing rigs and particle accelerators. --- ### 5. Selection Considerations When replacing or designing with an HVS-FA-R part, observe the following: 1. **Derating:** Operating at 80% of the rated $V_{RRM}$ is recommended for longevity. 2. **Environment:** High-voltage parts are sensitive to humidity and dust, which can cause surface tracking (arcing across the outside of the diode). 3. **Polarity:** Ensure the cathode (marked with a band) is correctly oriented for the rectification circuit.
    ✨ Follow-up Questions
    • ⤷ What is the difference between HVS-FA-R and the standard HVS series?
    • ⤷ How does the reverse recovery time (trr) affect the efficiency of a high-voltage circuit?
    • ⤷ What are the recommended cooling methods for HVS-FA-R rectifiers in high-power applications?