Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HVS-GC-R/Q

  • AI
    The **HVS-GC-R/Q** refers to a specific series of high-voltage components, typically associated with **Gas Circuit Breakers (GCB)** or **Gas Insulated Switchgear (GIS)** systems. These systems are designed to control, protect, and isolate electrical equipment in high-voltage grids. Below is an explanation of the primary electronic and electromechanical parts found in these units. --- ### 1. Core Electronic & Control Components The "Electronic" side of these units usually resides in the **Local Control Cabinet (LCC)** or the integrated monitoring unit. | Component | Function | Description | | :--- | :--- | :--- | | **Control Unit (PLC/IED)** | Intelligence | An Intelligent Electronic Device (IED) that processes opening/closing commands and monitors interlocks. | | **Pressure Transducers** | Monitoring | Sensors that convert SF6 gas pressure into 4-20mA or 0-10V signals for the control system. | | **Auxiliary Switches** | Feedback | Multi-contact blocks that provide the "State" (Open/Closed) of the primary circuit to the remote control room. | | **Density Monitor** | Safety | An electronic temperature-compensated gauge that triggers alarms if gas density drops. | --- ### 2. Electromechanical Actuation Parts To move the heavy high-voltage contacts, the electronic signals are translated into mechanical force through these parts: * **Trip and Close Coils:** Electromagnetic solenoids that release the stored energy in the spring mechanism when a pulse is received from the protection relay. * **Charging Motor:** A universal AC/DC motor used to compress the operating springs after an operation sequence (O-CO). * **Anti-Pumping Relay:** A safety electronic circuit that prevents the breaker from repeatedly opening and closing if a "close" signal is stuck while a fault is present. --- ### 3. High Voltage Sensing (R/Q Specifics) In the context of **R (Resistance)** and **Q (Charge/Var)** monitoring often associated with these model designations: 1. **Capacitive Voltage Dividers:** Used to measure the high voltage presence electronically without direct contact. 2. **Current Transformers (CTs):** Integrated into the bushing to step down high currents to manageable levels (1A or 5A) for electronic metering. 3. **Partial Discharge (PD) Sensors:** Electronic UHF sensors that detect internal arcing or insulation degradation before a failure occurs. --- ### 4. Technical Specifications Overview Typically, these units operate within the following electronic parameters: | Parameter | Standard Range | | :--- | :--- | | **Control Voltage** | 48V, 110V, or 220V DC | | **Motor Voltage** | 110V/230V AC or DC | | **Insulation Gas** | SF6 (Sulfur Hexafluoride) | | **Communication Protocol** | IEC 61850 / Modbus | ---
    ✨ Follow-up Questions
    • ⤷ What are the maintenance requirements for the SF6 density monitors?
    • ⤷ How does the anti-pumping relay prevent circuit breaker damage?
    • ⤷ Can these units be integrated into a smart grid using IEC 61850?