Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HVS-GF-R

  • AI
    The **HVS-GF-R** typically refers to a high-voltage sensor or transducer component used primarily in railway, industrial automation, or power electronics applications for monitoring ground faults or voltage levels. Below is a detailed breakdown of its electronic components and characteristics. --- ## 1. Core Electronic Components The device is generally an **isolated voltage transducer** that utilizes the following electronic segments: | Component Type | Function | | :--- | :--- | | **Primary Input Stage** | Receives the high-voltage signal; often contains a series of high-precision resistor dividers. | | **Isolation Barrier** | Uses **Galvanic Isolation** (often optocouplers or magnetic coupling) to separate high voltage from low voltage. | | **Signal Processing** | Integrated Circuits (ICs) or Op-Amps that scale and filter the input signal for accuracy. | | **Output Stage** | Provides a standardized output (e.g., 0-10V, 4-20mA, or a ratio-metric signal). | | **Protection Circuitry** | Includes TVS diodes or Varistors to protect against transient surges and EMI. | --- ## 2. Technical Specifications The "HVS" (High Voltage Sensor) "GF" (Ground Fault) "R" (Rail/Resistor) series usually follows these electronic parameters: ### Electrical Characteristics * **Measurement Range:** Typically designed for DC systems (up to 1500V or 3000V depending on the specific model variation). * **Isolation Voltage:** High dielectric strength (often rated up to 5kV or higher for safety). * **Accuracy:** High linearity (usually <1% error) to ensure precise ground fault detection. * **Power Supply:** Requires a low-voltage DC auxiliary power (e.g., ±15V or +24V). --- ## 3. Ground Fault (GF) Mechanism The electronic design is specifically tuned for "Ground Fault" detection through the following logic: 1. **Differential Sensing:** The electronics monitor the potential difference between the high-voltage lines and the chassis/ground. 2. **Threshold Detection:** If the leakage current exceeds a predefined electronic threshold, the internal circuit triggers an alarm state. 3. **Hysteresis:** Built-in electronic hysteresis prevents "chatter" or false triggering due to minor noise in the electrical system. --- ## 4. Connection Interface The electronic parts interface with the external system through: * **High-Voltage Terminals:** Large creepage distance connectors to prevent arcing. * **Low-Voltage Pins:** D-Sub connectors or terminal blocks for power and signal output. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting requirements for HVS-GF-R modules?
    • ⤷ How does the isolation barrier in this sensor prevent electromagnetic interference?
    • ⤷ What is the typical output signal format for ground fault detection in these units?