Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IA0307-R15KA

  • AI
    The **IA0307-R15KA** is a specialized electronic component, typically categorized as a high-frequency **Power Inductor** or a surface-mount device (SMD) power chip used in high-density power conversion circuits. --- ## Technical Specifications Based on the part numbering convention common for this series, the following table outlines the likely technical parameters: | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 0.15 µH (denoted by R15) | | **Tolerance** | ±10% (denoted by K) | | **Package Type** | IA0307 Series (Shielded SMD) | | **DC Resistance (DCR)** | Extremely Low (typically < 1.0 mΩ) | | **Saturation Current** | High (often 20A - 40A range) | | **Operating Temperature** | -40°C to +125°C | --- ## Key Characteristics ### 1. Inductance Value (R15) The "R15" signifies **0.15 microhenries (µH)**. In high-frequency switching regulators, lower inductance values allow for faster transient response and higher switching frequencies (often above 1 MHz). ### 2. Physical Construction * **Shielded Design:** The "IA" series usually features a magnetic shield. This minimizes Electromagnetic Interference (EMI) which is critical in compact electronic layouts. * **Molded Core:** Most inductors in this class use a metal alloy powder core, providing excellent saturation characteristics under high current loads. ### 3. Application Use Cases This part is commonly found in: * **Voltage Regulator Modules (VRM):** Used in CPU/GPU power delivery. * **DC-DC Converters:** Point-of-load (POL) converters in telecommunications. * **Battery Powered Devices:** High-efficiency power stages for portable tech. --- ## Part Number Breakdown To better understand the component, here is how the code is structured: | Segment | Meaning | | :--- | :--- | | **IA** | Manufacturer Series/Family identifier | | **0307** | Physical dimensions (approx. 3.x mm x 7.x mm) | | **R15** | Value: R acts as a decimal point = 0.15 µH | | **K** | Tolerance Code (K = ±10%, M = ±20%) | | **A** | Packaging or Revision code | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the IA0307-R15KA?
    • ⤷ Can this inductor be used in automotive-grade applications?
    • ⤷ How does the 'R15' value compare to a '1R5' value in inductor naming?