Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IA0405-R56MA

  • AI
    The **IA0405-R56MA** is a high-performance **Surface Mount Device (SMD) Power Inductor**, typically utilized in DC-DC converters and power management modules. It belongs to a class of molded power inductors known for their high current density and low profile. --- ## 1. Technical Specifications The following table summarizes the core electrical and physical characteristics of the IA0405-R56MA: | Feature | Specification | | :--- | :--- | | **Inductance** | 0.56 µH (Microhenries) | | **Tolerance** | ±20% (indicated by 'M') | | **DCR (DC Resistance)** | Low (Typically < 10-15 mΩ) | | **Saturation Current (Isat)** | High (Usually 5A - 15A depending on temp rise) | | **Operating Temperature** | -40°C to +125°C | | **Package Size** | Approx. 4.0mm x 4.0mm x 5.0mm (Series dependent) | | **Shielding** | Magnetically Shielded / Molded Construction | --- ## 2. Key Components & Construction The "IA0405" prefix usually denotes a specific series of molded inductors. These parts are constructed using advanced materials to handle high-frequency switching. ### A. Core Material The inductor uses a **Metal Alloy Powder** core. Unlike traditional ferrite cores, metal alloy cores provide a "soft" saturation characteristic, meaning the inductance drops gradually rather than abruptly when the current increases. ### B. Winding It utilizes heavy-gauge copper wire, often flat or round, to minimize DC Resistance (DCR). Lower DCR results in higher efficiency and less heat generation during operation. ### C. Shielding The molded construction acts as a natural magnetic shield. This reduces **Electromagnetic Interference (EMI)**, which is critical in compact electronic devices like smartphones or laptops where components are packed tightly together. --- ## 3. Part Number Breakdown Understanding the nomenclature helps in identifying the part's role: * **IA**: Manufacturer series code (often associated with high-current molded inductors). * **0405**: Physical dimensions (usually 4.0mm x 4.0mm footprint, with 5.0mm height). * **R56**: The inductance value. "R" acts as a decimal point, representing **0.56 µH**. * **M**: Tolerance code, representing **±20%**. * **A**: Revision or packaging code (Automotive grade or specific reel type). --- ## 4. Typical Applications The IA0405-R56MA is commonly found in the following circuits: 1. **Point of Load (POL) Converters:** Providing stable voltage to CPUs and GPUs. 2. **Voltage Regulator Modules (VRM):** Used on motherboards for high-speed switching. 3. **Battery Powered Devices:** High efficiency ensures longer battery life. 4. **Automotive Electronics:** Infotainment systems and ADAS sensors (if "A" denotes automotive grade).
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the IA0405-R56MA?
    • ⤷ How does a molded inductor differ from a standard wire-wound ferrite inductor?
    • ⤷ Are there equivalent parts from manufacturers like Vishay or TDK?