Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ICM-MAE-R01

  • AI
    The **ICM-MAE-R01** is a specialized electronic module, typically part of industrial automation systems (often associated with brands like **Inovance** or similar motion control manufacturers). It serves as an **Absolute Encoder Expansion Card** or a communication interface module designed to integrate with Servo Drives. --- ## 1. Core Technical Specifications The module functions as a bridge between a high-resolution encoder and a motion controller. | Feature | Description | | :--- | :--- | | **Part Number** | ICM-MAE-R01 | | **Function** | Absolute Encoder Interface / Feedback Expansion | | **Supported Protocols** | EnDat 2.2, BiSS-C, or SSI (model dependent) | | **Input Voltage** | Typically 5V DC (supplied via the drive) | | **Connector Type** | High-density DB15 or specialized terminal block | | **Compatibility** | Standard industrial servo drives (e.g., SV660, IS620 series) | --- ## 2. Key Electronic Components Internally, the ICM-MAE-R01 consists of several critical electronic stages: ### A. Signal Conditioning Circuitry Because encoder signals travel over long cables in electrically noisy environments, the board includes: * **Differential Transceivers:** To convert RS-422/RS-485 level differential signals into logic levels. * **Digital Filters:** To remove high-frequency EMI (Electromagnetic Interference). ### B. Power Management * **LDO Regulators:** Ensures a stable voltage is sent to the encoder, preventing data corruption due to voltage ripples. * **Overcurrent Protection:** Resettable fuses (PTCs) to protect the main drive if the encoder cable shorts out. ### C. Processing Logic * **FPGA or High-speed CPLD:** Many of these cards use a logic chip to handle the high-speed "handshaking" required by absolute protocols (like BiSS-C) which require nanosecond-level timing precision. --- ## 3. Pinout and Connection Logic The module typically interfaces with the motor's encoder via a shielded twisted-pair cable. | Pin Category | Purpose | | :--- | :--- | | **Power (VCC/GND)** | Powers the optical or magnetic disc inside the motor. | | **Data (Data+/Data-)** | Bidirectional channel for position data. | | **Clock (Clk+/Clk-)** | Synchronizes data transmission from the drive to the encoder. | | **Shield** | Connected to the metal casing to drain static and noise. | --- ## 4. Operational Role In a closed-loop system, the **ICM-MAE-R01** performs the following: 1. **Request:** The drive sends a clock pulse to the encoder. 2. **Conversion:** The encoder sends a serial bitstream of its exact position. 3. **Translation:** The ICM-MAE-R01 translates this serial data into a format the drive's CPU can understand instantly. 4. **Correction:** This allows the motor to maintain its position even after a power loss, as "Absolute" encoders do not require a "Homing" routine.
    ✨ Follow-up Questions
    • ⤷ What are the specific servo drive models compatible with the ICM-MAE-R01?
    • ⤷ How do you troubleshoot a 'Feedback Communication Error' on this module?
    • ⤷ Does this card support multi-turn absolute encoder data retention without a battery?