Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ICPL0500SMT-R

  • AI
    ### ICPL0500SMT-R: High-Speed Optocoupler Overview The **ICPL0500SMT-R** is a high-speed optocoupler (optically coupled isolator) designed for logic interface and data communication. It utilizes an AlGaAs LED and an integrated high-speed photodetector to provide electrical isolation between input and output circuits. --- ### 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Package Type** | SO-8 (Small Outline, Surface Mount) | | **Data Rate** | Up to 1 Mbps | | **Isolation Voltage** | 3750 Vrms (Standard) | | **Output Type** | Open Collector | | **Common Mode Rejection** | 10 kV/µs (Typical) | | **Temperature Range** | -55°C to +100°C | --- ### 2. Internal Components & Pinout The device consists of two primary sections inside the 8-pin package: 1. **Input Side:** An Infrared Emitting Diode (LED). When current flows through the LED, it emits light. 2. **Output Side:** A photodetector integrated with a high-gain amplifier and an open-collector transistor. #### Pin Configuration (SO-8) | Pin # | Function | Description | | :--- | :--- | :--- | | 2 | Anode | LED Input (+) | | 3 | Cathode | LED Input (-) | | 5 | GND | Output Ground | | 6 | V_out | Output Signal (Open Collector) | | 8 | V_cc | Supply Voltage (Output Side) | *Note: Pins 1, 4, and 7 are typically No Connection (NC).* --- ### 3. Key Electronic Characteristics * **Open Collector Output:** Since the output is an open collector, an external **pull-up resistor** is required between Pin 6 (Vout) and the supply voltage to define the "High" logic state. * **Propagation Delay:** It features a short propagation delay (typically around 0.5µs to 1.0µs), making it suitable for TTL/LSTTL and CMOS logic interfacing. * **Isolation:** The primary purpose is to protect sensitive low-voltage microcontrollers from high-voltage transients or ground loops in industrial environments. --- ### 4. Common Applications The ICPL0500SMT-R is frequently found in the following circuits: * **Line Receivers:** For transmitting data over long cables. * **Switching Power Supplies:** Feedback loops requiring high isolation. * **Industrial Controls:** Interfacing PLCs with actuators or sensors. * **Motor Drives:** Isolating gate drive signals. ---
    ✨ Follow-up Questions
    • ⤷ What is the recommended value for the pull-up resistor on the Vout pin?
    • ⤷ How does the ICPL0500 compare to the 6N135/6N136 series?
    • ⤷ What is the maximum supply voltage (Vcc) supported by this device?