Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ICPLW50LSMT-R

  • AI
    ## Technical Overview: ICPLW50LSMT-R The **ICPLW50LSMT-R** is a high-speed, logic-gate output optocoupler manufactured by **Isocom Components**. It is designed to provide high-speed isolation for digital signals while ensuring significant noise immunity and safety isolation. --- ### 1. Key Technical Specifications Below are the primary electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Output Type** | Logic Gate (Push-Pull) | | **Data Rate** | 10 MBd (Mega-baud) | | **Isolation Voltage** | 3750 Vrms | | **Common Mode Rejection (CMR)** | 20 kV/µs (Minimum) | | **Supply Voltage (Vcc)** | 2.7V to 5.5V | | **Propagation Delay** | < 100 ns | | **Package Style** | 6-Pin Wide-Body SOIC (LSO6) | | **Mounting Type** | Surface Mount (SMT) | --- ### 2. Internal Components & Operation The ICPLW50LSMT-R consists of two primary stages separated by an optical isolation barrier: 1. **Input Stage:** A high-efficiency AlGaAs Infrared LED. When current flows through the LED, it emits light proportional to the input signal. 2. **Output Stage:** An integrated high-gain photodetector combined with a Schottky-clamped transistor and a push-pull output stage. This removes the need for an external pull-up resistor, improving speed and reducing power consumption. --- ### 3. Pin Configuration (LSO6 Package) | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **Anode** | LED Input Positive | | 2 | **Cathode** | LED Input Negative | | 3 | **NC** | No Connection | | 4 | **GND** | Output Ground | | 5 | **Vout** | Logic Output Signal | | 6 | **Vcc** | Positive Power Supply | --- ### 4. Features and Applications #### Main Features * **High-Speed Performance:** Optimized for 10MBd communication, making it suitable for modern fieldbus protocols. * **Low Power Consumption:** Operates efficiently on 3.3V or 5V rails. * **Wide Temperature Range:** Typically rated for operation between -40°C and +105°C. * **Excellent Isolation:** High CMTI (Common Mode Transient Immunity) prevents data errors in noisy industrial environments. #### Typical Applications * **Industrial Fieldbus:** CAN Bus, RS-485, and Profibus isolation. * **Microprocessor System Interfaces:** Level shifting and ground loop elimination. * **Switch Mode Power Supplies (SMPS):** Feedback isolation. * **Motor Drives:** Isolating control logic from high-power IGBT/MOSFET stages. --- ### 5. Part Number Breakdown * **ICPL:** Isocom Components Optocoupler line. * **W50L:** Series identifier (10MBd, Low Power, Wide-Body). * **SMT:** Surface Mount Technology. * **R:** Tape and Reel packaging.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this push-pull output and an open-collector optocoupler?
    • ⤷ Can the ICPLW50LSMT-R be used for analog signal isolation?
    • ⤷ What are the recommended values for the input series resistor at 5V?