Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ICS511MIT

  • AI
    ### Overview of the ICS511MIT The **ICS511MIT** is a high-performance Phase-Locked Loop (PLL) Multiplier manufactured by Renesas (formerly IDT). It is designed to generate high-frequency output clocks from a lower-frequency crystal or clock input, making it a "LOCO" (Low Cost Oscillator) multiplier. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | PLL Clock Multiplier | | **Input Frequency** | 5 to 27 MHz (Crystal); 2 to 50 MHz (Clock) | | **Output Frequency** | Up to 200 MHz | | **Multiplication Factors** | 2, 2.5, 3, 3.33, 4, 5, 5.33, 6, 8 | | **Operating Voltage** | 3.0V to 5.5V | | **Package Type** | 8-pin MSOP (Mini Small Outline Package) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### Key Electronic Features 1. **Selectable Multiplier Ratios:** The device features two selection pins (**S0** and **S1**). By setting these pins to High (1), Low (0), or leaving them Floating (M - Mid), the user can choose from nine different multiplication factors. 2. **Internal Capacitors:** It includes on-chip load capacitors, which minimizes the need for external components when using a quartz crystal. 3. **Low Jitter:** Utilizes an internal PLL to provide a stable, low-jitter output clock (typically less than 200 ps peak-to-peak), which is essential for high-speed digital circuits. 4. **Zero PPM Synthesis Error:** The device is capable of generating exact integer and non-integer multiples without frequency deviation (depending on the ratio chosen). --- ### Pin Configuration | Pin Number | Name | Type | Description | | :--- | :--- | :--- | :--- | | 1 | **ICLK** | Input | Crystal connection or external clock input. | | 2 | **VDD** | Power | Positive supply voltage (3.3V or 5V). | | 3 | **GND** | Power | Ground connection. | | 4 | **CLK** | Output | Clock output signal. | | 5 | **S0** | Input | Multiplier select pin 0. | | 6 | **S1** | Input | Multiplier select pin 1. | | 7 | **OE** | Input | Output Enable (High = clock active). | | 8 | **X2** | Output | Crystal connection (leave open if using external clock). | --- ### Application Usage The ICS511MIT is commonly used in: * **Networking Gear:** Providing high-speed clocks for Ethernet or routers. * **Embedded Systems:** Reducing BOM costs by using a cheap 10MHz or 25MHz crystal to generate high-speed CPU clocks. * **Industrial Controllers:** Where a wide temperature range and small footprint are required.
    ✨ Follow-up Questions
    • ⤷ How do the S0 and S1 pins determine the specific multiplication factors?
    • ⤷ What are the advantages of using the ICS511MIT over a standard oscillator?
    • ⤷ Can the ICS511MIT be used in automotive applications given its temperature range?