Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IDT7133LA55J

  • AI
    ## IDT7133LA55J: Technical Overview The **IDT7133LA55J** is a high-speed, low-power **2K x 16 Dual-Port Static RAM (SRAM)**. It is designed to allow two independent processors or buses to access a common memory space simultaneously without conflict, making it ideal for communication between CPUs or as a buffer for high-speed data transfer. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Capacity** | 32 Kbit (2K x 16 bits) | | **Access Time** | 55 ns | | **Technology** | CMOS (Low Power) | | **Supply Voltage** | 5.0V (±10%) | | **Package Type** | 68-pin PLCC (Plastic Leaded Chip Carrier) | | **Operating Current** | 190 mA (Active), 5 mA (Standby) | --- ### 2. Functional Components & Architecture The device is composed of several critical electronic sub-systems that facilitate "dual-port" functionality: * **Dual-Port Memory Array:** The core consists of 2,048 words of 16-bit wide static memory cells. * **Independent Control Logic:** It features two identical sets of pins (Left Port and Right Port). Each port has its own: * **Address Pins ($A_0 - A_{10}$):** To locate specific memory cells. * **Data I/O Pins ($DQ_0 - DQ_{15}$):** For 16-bit parallel data transfer. * **Control Pins:** Including Chip Enable ($\overline{CE}$), Read/Write ($\text{R/}\overline{W}$), and Output Enable ($\overline{OE}$). * **Arbitration & Semaphores:** To prevent data corruption when both ports try to write to the same address simultaneously, the chip includes hardware "Busy" logic and interrupt flags. --- ### 3. Pinout Categories (68-Pin PLCC) | Pin Group | Description | | :--- | :--- | | **$A_{0L} - A_{10L}$ / $A_{0R} - A_{10R}$** | Left and Right Address inputs. | | **$I/O_{0L} - I/O_{15L}$ / $I/O_{0R} - I/O_{15R}$** | Left and Right 16-bit Data Input/Output. | | **$\overline{BUSY}_L$ / $\overline{BUSY}_R$** | Outputs that indicate if a port is currently blocked from access. | | **$\overline{INT}_L$ / $\overline{INT}_R$** | Interrupt flags for mailbox-style communication between processors. | | **$V_{CC} / GND$** | Power (5V) and Ground pins. | --- ### 4. Common Applications 1. **Multi-Processor Systems:** Acting as a "mailbox" where one CPU leaves data for another to pick up. 2. **Digital Signal Processing (DSP):** Providing a shared buffer between a general-purpose CPU and a dedicated DSP chip. 3. **Network Hardware:** Managing data packets between a network interface controller and a system processor. 4. **Robotics:** Bridging high-level logic controllers with low-level motor drivers. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the LA and SA versions of this chip?
    • ⤷ How does the 'Busy' logic prevent data contention in this dual-port RAM?
    • ⤷ Are there modern pin-compatible replacements for the IDT7133 today?