Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IDT7133LA55JB

  • AI
    The **IDT7133LA55JB** is a high-speed CMOS Dual-Port Static RAM (SRAM) manufactured by Integrated Device Technology (now part of Renesas Electronics). It is specifically designed for applications requiring simultaneous access to a common memory space from two independent ports. --- ## 1. Key Technical Specifications The model number provides specific details about the chip's performance and packaging: | Parameter | Specification | | :--- | :--- | | **Memory Capacity** | 16 Kilobits (2K x 8) | | **Access Time** | 55 ns (Nanoseconds) | | **Power Consumption** | Low Power ("LA" version) | | **Package Type** | PLCC (Plastic Leaded Chip Carrier) | | **Pin Count** | 68-pin | | **Operating Voltage** | 5.0V ± 10% | --- ## 2. Functional Characteristics ### Dual-Port Architecture The primary feature of this IC is its **Dual-Port** capability. It allows two independent systems (e.g., two CPUs or a CPU and a DSP) to read and write to any location in the memory simultaneously. ### Arbitration Logic To prevent data corruption during simultaneous writes to the same memory location, the IDT7133 includes: * **BUSY Logic:** Signals to one port if the other port is currently accessing the same address. * **Interrupt Logic (INT):** Allows for communication/handshaking between the two processors. ### Low Power Features The "LA" designation indicates a low-power version. It features a **Full Standby Mode**, which significantly reduces power consumption when both ports are inactive (controlled by the Chip Enable pins). --- ## 3. Pinout and Signal Description The device utilizes standard SRAM control signals duplicated for both the **Left Port** and **Right Port**: | Signal Name | Description | | :--- | :--- | | **A0L - A10L / A0R - A10R** | Address inputs for Left and Right ports. | | **I/O0L - I/O7L / I/O0R - I/O7R** | Data Input/Output lines. | | **CE_L / CE_R** | Chip Enable (activates the port). | | **OE_L / OE_R** | Output Enable (gates the data to the bus). | | **R/W_L / R/W_R** | Read/Write control. | | **BUSY_L / BUSY_R** | Flags indicating the port is blocked by the other. | --- ## 4. Typical Applications * **Multiprocessor Systems:** Shared memory between two microprocessors. * **Communication Buffers:** Passing data between a high-speed network interface and a system CPU. * **DSP Interfaces:** Acting as a bridge between a digital signal processor and a general-purpose controller. * **Video Systems:** Serving as a frame buffer where one port handles the UI and the other handles the display output.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 7133 and 7132 IDT models?
    • ⤷ How does the BUSY logic handle simultaneous write conflicts?
    • ⤷ Are there modern replacements for this PLCC packaged SRAM?