Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IDT7133LA55PF

  • AI
    The **IDT7133LA55PF** is a high-speed CMOS Static RAM (SRAM) manufactured by Integrated Device Technology (now part of Renesas Electronics). It is specifically a **Dual-Port RAM**, which allows two independent systems to access the same memory location simultaneously. --- ### ## Technical Specifications | Parameter | Specification | | :--- | :--- | | **Architecture** | Dual-Port Static RAM | | **Density** | 16 Kilobits (2K x 8) | | **Access Time** | 55 ns (Nanoseconds) | | **Low Power Variant** | "LA" (Low Power version) | | **Package Type** | TQFP (Thin Quad Flat Pack) | | **Operating Voltage** | 5V (±10%) | --- ### ### Key Features and Components 1. **Dual-Port Capability**: The chip features two completely independent sets of control, address, and I/O pins (Left Port and Right Port). This allows two different processors or buses to read from or write to the memory at the same time without interfering with each other, provided they aren't writing to the same address simultaneously. 2. **Arbitration Logic (BUSY Pin)**: To prevent data corruption during simultaneous writes to the same memory cell, the IDT7133 includes hardware arbitration. If both ports attempt to access the same address, the `BUSY` signal is triggered to tell one processor to wait. 3. **Interrupt Logic (INT Pin)**: It features mailbox functionality. One port can write to a specific location to trigger an interrupt signal on the opposite port, facilitating communication between two asynchronous systems. 4. **Low Power (LA Series)**: The "LA" designation indicates a low-power standby mode. When the chip select ($\overline{CS}$) is high, the device enters a power-down mode, significantly reducing battery drain in portable or idle applications. --- ### ### Pinout Overview (TQFP Package) | Pin Name | Function | | :--- | :--- | | **A0 - A10 (L/R)** | Address inputs for Left and Right ports. | | **I/O0 - I/O7 (L/R)** | Data input/output for Left and Right ports. | | **$\overline{CE}$ (L/R)** | Chip Enable - activates the respective port. | | **$\overline{OE}$ (L/R)** | Output Enable - controls the data output buffers. | | **R/$\overline{W}$ (L/R)** | Read/Write control. | | **$\overline{BUSY}$ (L/R)** | Priority arbitration output. | --- ### ### Typical Application Use-Cases * **Inter-Processor Communication**: Bridging a Digital Signal Processor (DSP) and a standard CPU. * **Shared Memory**: Using the chip as a common buffer for data sharing between two independent microcontrollers. * **Video Buffering**: Managing data between a graphics controller and a system processor.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'LA' and 'SA' versions of this chip?
    • ⤷ How does the hardware arbitration handle simultaneous write collisions?
    • ⤷ Are there modern pin-compatible replacements for the IDT7133?