Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IDT7134LA55C

  • AI
    ## IDT7134LA55C Overview The **IDT7134LA55C** is a **4K × 8 (32 Kbit) high-speed CMOS Dual-Port Static RAM** made by Integrated Device Technology (IDT). It lets two independent devices, such as two processors, access the same memory array. --- ## Part Number Breakdown | Segment | Meaning | |---|---| | **IDT** | Manufacturer (Integrated Device Technology) | | **7134** | Product family: 4K × 8 Dual-Port SRAM | | **L** | Low-power version | | **A** | Low-power variant with lower standby current (check datasheet for exact spec) | | **55** | Access time of 55 ns (speed grade) | | **C** | Commercial temperature range, typically 0 °C to +70 °C | Package type is not shown in this code, so confirm it in the datasheet. --- ## Key Specifications | Parameter | Typical Value | |---|---| | Organization | 4,096 × 8 bits (4K × 8) | | Total capacity | 32 Kbit (4 KB) | | Access time | 55 ns | | Supply voltage | 5 V (±10%) | | Technology | CMOS, static (no refresh needed) | | Ports | 2 independent ports (Left and Right) | | Temperature (C grade) | 0 °C to +70 °C | --- ## Pin Functions | Pin | Function | |---|---| | **A0–A11** | Address inputs (12 bits, addresses 4K locations) | | **I/O0–I/O7** | Bidirectional data bus (8 bits) | | **CE** | Chip Enable (active LOW) selects the port | | **OE** | Output Enable (active LOW) enables read output | | **R/W** | Read/Write control (LOW = write, HIGH = read) | | **BUSY** | Output flag (active LOW) indicates the port is blocked because both ports are accessing the same address | | **VCC** | +5 V power supply | | **GND** | Ground | --- ## How It Works 1. **Dual-port access:** Each port has its own address, data, and control pins, so both ports can operate simultaneously. 2. **Contention handling:** If both ports access the same address at the same time, the **BUSY** pin signals the conflict. One port must wait until BUSY goes HIGH again. 3. **Low-power (LA) mode:** Reduces standby current, which is useful in battery-powered or power-sensitive designs. 4. **Asynchronous operation:** Reads and writes are controlled directly by CE, OE, and R/W, without a clock. --- ## Typical Applications - Shared memory between two microprocessors or DSPs - Communication buffers in networking and telecom equipment - Video and graphics buffering - Industrial control systems - Multiprocessor systems requiring fast inter-processor data exchange --- ## Design Tips - Use **BUSY** logic in your firmware or hardware to avoid data corruption during simultaneous access. - Add decoupling capacitors close to VCC and GND pins to reduce noise. - Verify the **package code** and **temperature grade** in the official IDT datasheet before ordering. - The 55 ns speed suits many mid-speed designs, but faster grades exist if your system needs quicker access. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between IDT7134 and IDT7132 dual-port SRAMs?
    • ⤷ How do I interface the IDT7134LA55C with a microcontroller?
    • ⤷ What package options are available for the IDT7134LA55C?