Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IDT7143LA55F

  • AI
    The **IDT7143LA55F** is a high-speed CMOS Dual-Port Static RAM (SRAM) manufactured by Integrated Device Technology (now part of Renesas Electronics). It is specifically designed for applications requiring high-speed data access and shared memory between two independent processors or buses. --- ### 1. Key Technical Specifications The alphanumeric code "LA55F" provides specific information regarding its power consumption, speed, and packaging. | Feature | Specification | | :--- | :--- | | **Memory Capacity** | 32K (2K x 16-bit) | | **Type** | Dual-Port Static RAM (SRAM) | | **Access Time** | 55ns (indicated by "55") | | **Power Version** | Low Power (indicated by "LA") | | **Package Type** | Flatpack / Ceramic (indicated by "F") | | **Supply Voltage** | 5V ± 10% | --- ### 2. Core Functional Blocks The IDT7143 is unique because it allows two different systems to read and write to the same memory space simultaneously. * **Dual-Port Architecture:** It features two independent sets of control, address, and I/O pins (Left Port and Right Port). * **Arbitration Logic:** Since two ports could try to write to the same address at the same time, the chip includes hardware "Busy" logic signals to manage access conflicts. * **Interrupt Logic:** It provides a "Mailbox" interrupt feature, allowing one processor to signal the other that data is ready for pickup. --- ### 3. Pinout Categories The device is complex due to the doubling of pins for dual-port functionality: | Category | Description | | :--- | :--- | | **$A_0L - A_{10}L$ / $A_0R - A_{10}R$** | Address inputs for Left and Right ports. | | **$I/O_{0L} - I/O_{15}L$ / $I/O_{0R} - I/O_{15}R$** | 16-bit Data inputs/outputs for each port. | | **$\overline{CE}$, $\overline{OE}$, $R/\overline{W}$** | Control signals: Chip Enable, Output Enable, Read/Write. | | **$\overline{BUSY}$** | Output signal indicating a port access collision. | | **$\overline{INT}$** | Interrupt flag for inter-processor communication. | --- ### 4. Typical Applications Because this chip acts as a "bridge" between two systems, it is commonly found in: * **Digital Signal Processing (DSP):** Passing data between a DSP and a main CPU. * **Network Equipment:** Buffering data between a network controller and a system bus. * **Multiprocessor Systems:** Sharing global variables or message queues. * **Aerospace/Military:** The "F" (Ceramic Flatpack) version is often used in high-reliability or legacy defense electronics. --- ### 5. Part Number Breakdown ```text IDT 7143 LA 55 F | | | | | | | | | +-- Package (Ceramic Flatpack) | | | +----- Speed (55 nanoseconds) | | +--------- Power (Low Power) | +--------------- Device Type (2K x 16 Dual-Port RAM) +-------------------- Manufacturer (IDT) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'LA' and 'SA' power versions of this chip?
    • ⤷ How does the 'Busy' logic handle simultaneous write attempts to the same memory address?
    • ⤷ Are there modern pin-compatible replacements for the IDT7143?