Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IDT7143LA55PFB

  • AI
    The **IDT7143LA55PFB** is a high-speed CMOS Dual-Port Static RAM (SRAM) produced by Integrated Device Technology (now part of Renesas Electronics). This specific component is designed to allow two independent systems to access the same memory space simultaneously. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Capacity** | 32K (2K x 16-bit) | | **Access Time** | 55 ns (Nanoseconds) | | **Technology** | High-speed CMOS (Low Power) | | **Package Type** | TQFP (Thin Quad Flat Pack) | | **Operating Voltage** | 5.0V ± 10% | | **Architecture** | True Dual-Port (Independent Address/Data) | --- ### 2. Functional Description The primary function of this chip is to act as a "mailbox" or shared memory buffer between two microprocessors or a processor and a DSP. * **Dual Ports:** It features two sets of independent control, address, and I/O pins (Left Port and Right Port). * **Arbitration:** To prevent data corruption when both sides try to write to the same location, it includes hardware arbitration logic (Busy signals and Interrupt flags). * **Low Power:** The "LA" designation indicates a low-power version, which reduces power consumption during standby modes. --- ### 3. Pinout & Connectivity Categories The TQFP package usually consists of several functional groups: 1. **Address Lines ($A_{0} - A_{10}$):** Used to select one of the 2,048 memory locations. 2. **Data I/O ($I/O_{0} - I/O_{15}$):** Bi-directional 16-bit data bus for each port. 3. **Control Pins:** * **$\overline{CE}$ (Chip Enable):** Activates the port. * **$R/\overline{W}$ (Read/Write):** Determines the data direction. * **$\overline{OE}$ (Output Enable):** Manages the output drivers. * **$\overline{SEM}$ (Semaphore):** Allows for software-level coordination between ports. 4. **$\overline{BUSY}$ Flags:** Hardware signals that trigger if both ports attempt to access the same address simultaneously. --- ### 4. Part Number Breakdown ```text IDT 7143 LA 55 PF B | | | | | | | | | | | +-- Military/Industrial Grade (B) | | | | +----- Package (TQFP) | | | +--------- Speed (55ns) | | +------------- Low Power Version | +------------------ Device Type (2K x 16 Dual-Port RAM) +------------------------ Manufacturer (IDT) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'LA' and 'SA' power versions of this chip?
    • ⤷ How does the hardware arbitration (BUSY signal) handle simultaneous writes?
    • ⤷ Can this chip be interfaced with 3.3V logic systems?