Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IEC-GS-1-XXX-RLS

  • AI
    The part number **IEC-GS-1-XXX-RLS** refers to a high-performance **Optical Encoder Accessory**, specifically a **Magnetic Scale** or **Linear Scale** tape used in industrial motion control systems. These parts are commonly associated with brands like **Renishaw** or similar precision feedback manufacturers. --- ### 1. Part Number Breakdown The nomenclature can be broken down into specific electronic and physical characteristics: | Segment | Component | Description | | :--- | :--- | :--- | | **IEC** | Series Prefix | Refers to the Industrial Encoder Component series. | | **GS** | Type | **Gold Scale**: Indicates a gold-plated stainless steel reflective tape. | | **1** | Pitch/Version | Typically represents a **20 µm (micron)** scale pitch. | | **XXX** | Length | A numerical value representing the length of the scale in centimeters or millimeters. | | **RLS** | Brand/Format | Refers to **RLS** (a Renishaw associate company) or "Resilient Linear Scale." | --- ### 2. Key Technical Specifications These components are critical for providing positional feedback to a servo motor or CNC controller. * **Material:** Stainless steel substrate with a gold-plated finish to ensure high reflectivity and corrosion resistance. * **Accuracy Class:** Usually ±3 µm/m to ±5 µm/m. * **Coefficient of Thermal Expansion:** Matched to the mounting substrate (approx. 10.1 µm/m/°C) to maintain precision during temperature fluctuations. * **Adhesive:** Usually backed with high-bond double-sided tape (e.g., 3M VHB) for direct application to a machine axis. --- ### 3. Electronic Functionality The **GS** (Gold Scale) acts as the passive element in an optical incremental encoder system. 1. **Reflection Principle:** An infrared or visible light LED from a readhead shines onto the scale. 2. **Phase Grating:** The "lines" etched into the gold surface diffuse or reflect light back to the sensors in the readhead. 3. **Signal Generation:** The readhead converts these reflections into **Sine/Cosine signals** (1 Vpp) or **Digital TTL signals** (A-quad-B). 4. **Reference Mark:** Some versions include a "Selector" or "Reference" track that allows the electronic system to find a "Home" position. --- ### 4. Applications * **CNC Machining:** For high-precision X, Y, or Z-axis positioning. * **Semiconductor Manufacturing:** Wafer handling and inspection stages. * **Medical Robotics:** Accurate movement in surgical or diagnostic equipment. * **Linear Motors:** Providing the feedback loop necessary for high-speed linear motion. ---
    ✨ Follow-up Questions
    • ⤷ What is the compatible readhead model for the GS series scale?
    • ⤷ How do you calculate the exact length needed for an XXX value?
    • ⤷ What are the installation requirements for the self-adhesive backing?