Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • INTERNET550SER

  • AI
    The **Tripp Lite INTERNET550SER** is a standby Uninterruptible Power Supply (UPS) designed primarily for home office and small business environments. Its electronic architecture is centered around power protection, voltage regulation, and automated shutdown communication. --- ## 1. Core Electronic Components The device consists of several critical internal systems that manage power flow and battery health: | Component | Function | Technical Detail | | :--- | :--- | :--- | | **Inverter** | DC to AC Conversion | Converts 12V DC battery power to 120V AC output during outages. | | **Battery** | Energy Storage | Typically uses a **12V 5Ah** Sealed Lead Acid (SLA) battery. | | **Transfer Switch** | Power Routing | A high-speed relay that switches from Utility to Battery in **2–4 milliseconds**. | | **Surge Suppressor** | Protection | Uses Metal Oxide Varistors (MOVs) to divert voltage spikes. | | **Microprocessor** | Control Unit | Monitors line voltage and manages the charging circuit. | --- ## 2. Key Electronic Features ### Battery Backup & Surge Protection The INTERNET550SER features **8 NEMA 5-15R outlets**, which are electronically divided into two groups: * **4 Outlets (Battery + Surge):** Connected to the internal inverter to provide power during blackouts. * **4 Outlets (Surge Only):** Connected directly to the line filter to protect non-critical peripherals (like printers) without draining the battery. ### Communication Interface (DB9 Serial) Unlike many modern UPS systems that use USB, the "SER" in the model name indicates a **DB9 Serial Port**. * **Electronics:** It uses RS-232 logic levels to communicate with a computer. * **Function:** Allows the UPS to send a signal to the PC to initiate a graceful shutdown before the battery expires. ### EMI/RFI Line Filtering The internal circuitry includes electromagnetic and radio frequency interference filters. These electronics prevent "line noise" from affecting sensitive components in connected computers, which can otherwise cause data errors or hardware fatigue. --- ## 3. Specifications Summary | Feature | Specification | | :--- | :--- | | **VA / Wattage** | 550VA / 300 Watts | | **Nominal Input** | 120V AC, 60Hz | | **Waveform Type** | PWM Sine Wave (Approximated) | | **Protection Rating** | 420 Joules | | **Circuit Breaker** | 7A resettable thermal breaker | --- ## 4. Maintenance & Safety Electronics * **Alarm System:** An internal piezo buzzer provides audible alerts for "On Battery," "Low Battery," and "Overload" conditions. * **Self-Test Logic:** The microprocessor performs periodic electronic checks to ensure the battery is capable of holding a charge.
    ✨ Follow-up Questions
    • ⤷ How do I replace the battery in an INTERNET550SER?
    • ⤷ What is the difference between the 'SER' and 'USB' versions of this UPS?
    • ⤷ Can this UPS handle a gaming PC with a 600W power supply?