Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • INTERNET900TAA

  • AI
    The **INTERNET900TAA** is a TAA-compliant (Trade Agreements Act) Standby Uninterruptible Power Supply (UPS) manufactured by Tripp Lite (now part of Eaton). It is designed to provide battery backup and surge protection for desktop computers and networking equipment. --- ### Key Electronic Components and Specifications The internal circuitry of the INTERNET900TAA focuses on power inversion, surge suppression, and automatic switching. | Component Type | Specification / Detail | | :--- | :--- | | **Battery Type** | 12V Sealed Lead Acid (SLA) | | **Inverter** | PWM (Pulse Width Modulation) Simulated Sine Wave | | **Output Capacity** | 900VA / 480 Watts | | **Transfer Time** | 2 to 6 milliseconds (typical) | | **Surge Protection** | 316 Joules rating | | **Input Connection** | NEMA 5-15P (120V AC) | --- ### Internal Electronic Architecture #### 1. The Inverter Circuit Since the battery stores direct current (DC) and your devices require alternating current (AC), the unit uses an **inverter**. In this model, the inverter produces a **Pulse Width Modulated (PWM) Simulated Sine Wave**. While not a pure sine wave, it is electronically sufficient for most switched-mode power supplies (SMPS) found in PCs. #### 2. Automatic Transfer Switch (ATS) The "Standby" topology means the UPS stays in a passive mode until it detects a power failure. - **Relay Logic:** High-speed relays monitor the input voltage. - **Switching:** When voltage drops below approximately 92V or rises above 139V, the relays disconnect the utility line and engage the battery inverter. #### 3. Surge Suppression Stage The unit contains **Metal Oxide Varistors (MOVs)**. These electronic parts act as high-speed "pressure valves" that shunt excess voltage (spikes) to the ground wire, protecting the delicate microchips in connected equipment. #### 4. Data Line Protection The INTERNET900TAA includes internal circuitry for **RJ11 (Phone/DSL) protection**. This consists of small gas discharge tubes or specialized diodes that prevent "backdoor" surges from entering a computer via the telephone line. --- ### Connectivity Interface The unit features a **USB HID-compliant port**. This allows the UPS's internal microprocessor to communicate with a computer's operating system (Windows, macOS, or Linux). It reports: * Battery charge percentage. * Current power status (AC vs. Battery). * Estimated runtime. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a Standby UPS and a Line-Interactive UPS?
    • ⤷ How often should the internal 12V battery be replaced in this model?
    • ⤷ Can this UPS handle high-performance gaming PCs with Active PFC power supplies?