Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IP-R6402

  • AI
    Based on the technical specifications for the **IP-R6402**, which is a high-performance industrial/commercial-grade **LoRaWAN Gateway** (commonly manufactured by companies like Milesight or similar IoT infrastructure providers), here is a detailed breakdown of its electronic components and architecture. --- ## 1. Core Processing Unit (Mainboard) The "brain" of the IP-R6402 handles data packet processing, security encryption, and protocol conversion (from LoRa to IP). | Component | Description | | :--- | :--- | | **CPU** | Typically an **ARM Cortex-A7** or **A53** based processor, optimized for low power and high throughput. | | **RAM** | 512MB to 1GB DDR3/DDR4, used for buffering data packets and running the Linux-based OS. | | **Flash Storage** | 8GB to 16GB eMMC, used for storing firmware, system logs, and localized database caches. | --- ## 2. RF (Radio Frequency) Module This is the most critical part of the device, enabling communication with thousands of end-nodes. * **LoRa Concentrator Chipset:** Usually powered by the **Semtech SX1302** (or the older SX1301). The SX1302 is preferred in newer models because it generates less heat and supports higher traffic. * **Front-End Modules (FEM):** Includes high-gain Power Amplifiers (PA) for transmission and Low Noise Amplifiers (LNA) for receiving weak signals from distant sensors. * **Multi-Channel Support:** Electronics are designed to handle 8 to 16 concurrent channels, allowing the gateway to "listen" to multiple frequencies simultaneously. --- ## 3. Connectivity & Interface Parts The IP-R6402 acts as a bridge, meaning it requires robust backhaul electronics. ### Wired Interfaces * **Ethernet Controller:** A 10/100/1000 Mbps RJ45 port. * **PoE Module:** Includes a PD (Powered Device) controller to allow the unit to draw power directly from the Ethernet cable (802.3af/at standard). ### Wireless Backhaul * **4G/LTE Module:** A mini-PCIe or M.2 slot housing a cellular modem for deployments where Wi-Fi or Ethernet is unavailable. * **Wi-Fi Module:** Supports 2.4GHz (802.11b/g/n) for local configuration or wireless backhaul. --- ## 4. Power Management System Industrial gateways require stable power to prevent data corruption. ```yaml Power Components: - DC Input: 12V DC Jack - PoE Input: 48V Standard PoE - Protection: Transient Voltage Suppressors (TVS) for lightning/surge protection - Capacitor Bank: Ensures graceful shutdown during sudden power loss ``` --- ## 5. Physical Electronic Layout The internal build is designed for industrial environments: * **PCB Material:** High-TG FR4 to withstand temperature fluctuations. * **Enclosure:** Usually an **IP67 rated** aluminum die-cast housing which acts as a massive heat sink for the CPU and RF chips. * **Antenna Ports:** N-Type or SMA connectors with internal RF cables (pigtails) connecting to the radio modules. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum range of the LoRaWAN signal for the IP-R6402?
    • ⤷ Does this model support full-duplex communication?
    • ⤷ How many end-nodes can this gateway handle simultaneously?