Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IP101ALF-DS-R06

  • AI
    ## Overview of the IP101ALF-DS-R06 The **IP101ALF** is a single-port Fast Ethernet Transceiver (PHY) manufactured by **IC Plus Corp**. It is designed for 10Base-T and 100Base-TX operations, commonly used in networking hardware like routers, switches, and embedded industrial controllers. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Data Rate** | 10/100 Mbps (Fast Ethernet) | | **Interface** | MII (Media Independent Interface) & RMII (Reduced MII) | | **Package Type** | 48-pin LQFP (Low-profile Quad Flat Pack) | | **Power Supply** | 3.3V I/O with built-in 1.8V regulator | | **Process Technology** | 0.25um CMOS | | **Standard Compliance** | IEEE 802.3 / 802.3u | --- ### 2. Core Functional Blocks The internal architecture of the IP101ALF consists of several critical electronic components: 1. **PCS (Physical Coding Sublayer):** Handles 4B/5B encoding and decoding to ensure reliable data transmission. 2. **PMA (Physical Medium Attachment):** Responsible for serialization/deserialization and clock recovery. 3. **Auto-Negotiation:** Automatically detects the speed (10/100 Mbps) and duplex mode (Full/Half) of the link partner. 4. **DSP (Digital Signal Processing):** Utilized for adaptive equalization and baseline wander correction to maintain signal integrity over long cables. 5. **MDI/MDIX:** Supports "Auto-MDIX," meaning it can automatically detect and configure the connection for straight-through or crossover cables. --- ### 3. Pinout and Connectivity Categories The 48 pins are generally categorized into the following functional groups: * **MAC Interface:** Pins like `TXD[0:3]`, `RXD[0:3]`, `TX_EN`, and `RX_DV` connect the PHY to a Microcontroller (MCU) or Processor. * **Management Interface (SMI):** `MDC` and `MDIO` pins allow the system CPU to configure the registers within the IP101ALF. * **Analog Interface:** `TX+/-` and `RX+/-` pins connect to the RJ45 connector via an Ethernet transformer (Magnetics). * **Clocking:** Supports a 25MHz crystal or oscillator. In RMII mode, it can operate with a 50MHz reference clock. --- ### 4. Distinctive Features * **Power Management:** Supports "Power Down" mode and "Sleep" mode to reduce energy consumption when the link is idle. * **Fiber Mode:** Unlike some basic PHYs, the IP101ALF supports 100Base-FX (Fiber Optic) applications. * **Diagnostic Tools:** Includes loopback modes for system-level testing and debugging. --- ### 5. Common Applications * IP Set-top Boxes * Networked Printers * Industrial Ethernet Controllers * Game Consoles * VoIP Phones
    ✨ Follow-up Questions
    • ⤷ What is the difference between MII and RMII modes in the IP101ALF?
    • ⤷ What are the specific power requirements for the IP101ALF?
    • ⤷ How does the Auto-MDIX feature work in this chip?