Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IP113MLF-DS-R01

  • AI
    ## Analysis of IP113MLF-DS-R01 The **IP113MLF-DS-R01** is a high-performance integrated circuit (IC) primarily designed for Ethernet connectivity solutions. It functions as a **Single-Port 10/100 Mbps Fast Ethernet Media Converter/Transceiver**. This chip is commonly found in networking hardware such as fiber optic converters, industrial switches, and network interface cards. --- ### Core Specifications The following table outlines the primary technical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Data Rate** | 10/100 Mbps (Fast Ethernet) | | **Package Type** | LQFP-48 (Low-profile Quad Flat Package) | | **Operating Voltage** | 3.3V (with 1.8V core voltage support) | | **Interface Support** | MII (Media Independent Interface) / RMII | | **Transmission Media** | Twisted Pair (Copper) or Fiber Optic | | **Standard Compliance** | IEEE 802.3, 802.3u | --- ### Key Electronic Functions 1. **Media Conversion:** It acts as a bridge between different physical layers. It can convert signals between 100Base-TX (Copper) and 100Base-FX (Fiber Optic). 2. **Auto-Negotiation:** The IC automatically detects and configures the highest supported speed (10 or 100 Mbps) and duplex mode (Half or Full) between connected devices. 3. **Signal Conditioning:** It includes built-in wave shaping and adaptive equalization to ensure signal integrity over long cable runs. 4. **Power Management:** The "LF" designation usually indicates a **Lead-Free** (RoHS compliant) version with low power consumption features suitable for compact enclosures. --- ### Pin Configuration Categories (LQFP-48) The 48 pins are generally categorized into the following functional groups: * **Network Interface Pins:** RX+/- and TX+/- for copper or SD (Signal Detect) for fiber. * **Management Interface:** MDC and MDIO pins used by a microcontroller to read/write status registers. * **Configuration Straps:** Pins that define the hardware mode (e.g., forcing 100Mbps or enabling Flow Control) during power-on reset. * **LED Drivers:** Direct output pins to drive Link, Activity, and Speed indicators. --- ### Typical Application Circuit The chip is usually integrated into a circuit following this simplified block flow: `[Fiber/Copper Port] <--> [Magnetics/Transceivers] <--> [IP113MLF] <--> [MII/RMII Interface] <--> [MAC/Switch Controller]` ---
    ✨ Follow-up Questions
    • ⤷What are the specific power consumption ratings for the IP113MLF in Fiber mode?
    • ⤷ Can the IP113MLF-DS-R01 support Jumbo Frames?
    • ⤷ What is the operating temperature range for the 'R01' suffix variant?