Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IP1718LF-DS-R02

  • AI
    The **IP1718LF-DS-R02** is a highly integrated, cost-effective Layer 2 managed switch controller designed by IC Plus Corp. It is commonly used in networking hardware such as industrial switches, PoE switches, and fiber-to-the-Ethernet converters. --- ### ## 1. Key Specifications and Features The chip is designed to manage high-density port configurations with low power consumption. | Feature | Specification | | :--- | :--- | | **Port Count** | 16-Port 10/100 Mbps Fast Ethernet + 2-Port Gigabit (TP/SFP) | | **MAC Address Table** | 4K Entries | | **Packet Buffer** | 1.625 Mbits | | **VLAN Support** | Port-based and Tag-based (IEEE 802.1Q) | | **Management Interface** | I2C, SMI (MDC/MDIO), and EEPROM | | **Package Type** | 128-pin PQFP (Lead-Free/RoHS compliant) | --- ### ## 2. Functional Architecture The IP1718LF integrates several subsystems to handle data flow and network logic: 1. **Switching Engine:** A high-speed fabric that handles wire-speed forwarding across all ports. 2. **SSRAM Interface:** Built-in memory used for storing packet buffers and the address look-up table. 3. **QoS (Quality of Service):** Supports 4 priority queues per port, allowing for traffic prioritization (e.g., VoIP or Video over background data). 4. **Security Features:** Includes broadcast storm control and MAC address filtering to prevent network loops and unauthorized access. --- ### ## 3. Common Application Circuits When designing a PCB with the IP1718LF, the following electronic components are typically required: * **Magnetics (Transformers):** Essential for Ethernet port isolation. * **Oscillator:** Usually requires a **25 MHz** crystal for the system clock. * **Power Supply:** Operates on dual voltages, typically **1.8V** (Core) and **3.3V** (I/O). * **EEPROM:** An external 24C02 or similar chip is often used to store custom configurations (like VLAN IDs or Port settings) that load upon bootup. --- ### ## 4. Pin Configuration Highlights | Pin Group | Function | | :--- | :--- | | **TX/RX +/-** | Differential pairs for the 10/100 Ethernet physical layer. | | **RSET** | Used to set the internal bias current (requires a precision resistor). | | **LED Pins** | Drive indicators for Link, Activity, and Speed for each port. | | **MDC/MDIO** | Serial Management Interface for communicating with an external CPU. | ---
    ✨ Follow-up Questions
    • ⤷What are the power consumption characteristics of the IP1718LF?
    • ⤷ Does this chip support IGMP snooping for multicast traffic?
    • ⤷ What is the recommended layout strategy for the differential pairs on this IC?