Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IP1726LF-DS-R01

  • AI
    ## Overview of IP1726LF-DS-R01 The **IP1726LF-DS-R01** is a high-performance, single-chip **24-port 10/100 Mbps + 2-port Gigabit Ethernet Switch Controller**. Developed by IC Plus Corp, it is designed to provide a cost-effective and energy-efficient solution for SOHO (Small Office/Home Office) and SMB (Small/Medium Business) networking equipment. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Port Configuration** | 24-Port 10/100Base-TX + 2-Port 10/100/1000Base-T/SFP | | **Package Type** | 128-pin PQFP (Plastic Quad Flat Pack) | | **Fabric Speed** | 8.8 Gbps Switching Capacity | | **MAC Address Table** | 8K Entries | | **Buffer Memory** | Integrated 2.75Mb embedded memory | | **VLAN Support** | Port-based and IEEE 802.1Q Tagged VLAN | | **QoS Management** | 4 priority queues per port | --- ### Core Electronic Characteristics The internal architecture of the IP1726LF-DS-R01 focuses on high integration to reduce the overall Bill of Materials (BOM). #### 1. Integrated PHY and MAC The chip integrates 24 Fast Ethernet Media Access Controllers (MACs) and 24 Physical Layer transceivers (PHYs). The two additional Gigabit ports typically provide interfaces like **RGMII** or **SGMII** to connect to external Gigabit PHYs or Fiber modules (SFP). #### 2. Power Management - **Voltage Requirements:** Usually operates on a dual power supply (3.3V for I/O and 1.2V/1.8V for the core). - **Green Ethernet:** Supports IEEE 802.3az Energy Efficient Ethernet, which reduces power consumption during periods of low data activity. #### 3. Advanced Switching Logic - **Store-and-Forward:** Uses this architecture to ensure data integrity by checking for CRC errors before forwarding packets. - **Flow Control:** Supports IEEE 802.3x full-duplex flow control and back-pressure for half-duplex. --- ### Application Diagram Components When designing a PCB with the IP1726LF-DS-R01, the following peripheral components are essential: 1. **EEPROM Interface:** Used for storing configuration data (e.g., VLAN settings, port speed limits) to be loaded upon boot. 2. **LED Matrix:** Dedicated pins to drive link/activity/speed status LEDs for all 26 ports. 3. **Crystal Oscillator:** Typically requires a 25MHz reference clock. 4. **Magnetics (Transformers):** External RJ45 isolation transformers are required to interface the PHY pins with the Ethernet cables. --- ### Pinout and Design Considerations * **Thermal Management:** Because it handles 26 ports of traffic, the 128-pin PQFP package may require a heat sink or a thermal pad on the PCB to dissipate heat during peak loads. * **RoHS Compliance:** The "LF" in the part number signifies "Lead-Free," making it compliant with modern environmental standards.
    ✨ Follow-up Questions
    • ⤷What are the specific power supply requirements for the IP1726LF core and I/O?
    • ⤷ Does the IP1726LF support management features like SNMP or Web-GUI?
    • ⤷ Which external Gigabit PHYs are most compatible with the IP1726LF RGMII interface?