Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IP5310

  • AI
    ## IP5310 Technical Overview The **IP5310** is a highly integrated power management SOC (System on Chip) designed primarily for power banks and portable charging applications. It combines multiple functions into a single chip to reduce the overall Bill of Materials (BOM) and PCB footprint. --- ### 1. Key Features The IP5310 is known for its "all-in-one" architecture. Below are the primary technical characteristics: | Feature | Specification | | :--- | :--- | | **Charge Current** | Up to 3.1A (Synchronous switching) | | **Discharge Current** | Up to 3.0A (Synchronous boost) | | **Efficiency** | Up to 93% (@ 2.4A) | | **Battery Types** | Li-ion or Li-polymer (4.2V/4.3V/4.35V/4.4V) | | **Protocol Support** | DCP (BC1.2, Apple, Samsung) | | **Protection** | OVP, UVP, OTP, Short Circuit Protection | --- ### 2. Main Functional Blocks To understand the electronic parts of the IP5310, we can break it down into four main systems: #### A. Power Conversion (Buck-Boost) The IP5310 uses a **Synchronous Switching** architecture. * **Charging Mode:** It acts as a high-efficiency Buck converter to charge the battery from a 5V input. * **Discharge Mode:** It acts as a Boost converter to step up battery voltage (3.0V - 4.2V) to a stable 5V output for mobile devices. #### B. Battery Fuel Gauge It includes a built-in 14-bit ADC (Analog-to-Digital Converter) to measure battery voltage and current. It can drive: * **LEDs:** Usually 4 LEDs to indicate 25%, 50%, 75%, and 100% capacity. * **Digital Interface:** Supports I2C for more precise communication with an external MCU if needed. #### C. Intelligent Detection * **Auto-Load Detection:** Automatically starts boosting when a phone is plugged in. * **Auto-Shutdown:** Enters a low-power standby mode (approx. 100µA) when the load is removed. --- ### 3. Basic Application Circuit Components When designing a PCB with the IP5310, the following peripheral electronic parts are required: 1. **Inductor (1.0µH to 2.2µH):** The most critical component for the switching regulator. It must handle at least 5A-7A saturation current. 2. **Capacitors (MLCC):** 22µF or 47µF ceramic capacitors are placed at the VIN, VBAT, and VOUT pins to filter noise and stabilize voltage. 3. **Resistors:** Used for setting the battery type (voltage logic) and NTC (Negative Temperature Coefficient) thermistor calibration. 4. **LEDs:** To display the power level. --- ### 4. Safety Protections The IP5310 integrates several hardware-level safety features: * **Input Over-Voltage Protection:** Protects the chip if a 9V/12V charger is accidentally used. * **Battery Temperature Monitoring:** Via an external NTC resistor to stop charging if the battery gets too hot. * **Output Over-Current Protection:** Automatically shuts down if the connected device draws too much power. ---
    ✨ Follow-up Questions
    • What are the pin-to-pin differences between IP5310 and IP5306?
    • How do I configure the IP5310 for different battery voltages (e.g.
    • 4.2V vs 4.4V)?
    • What is the recommended layout strategy for the power inductor to minimize EMI?