Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IP5328

  • AI
    ## Overview of the IP5328 IC The **IP5328** is a highly integrated power management SOC (System on Chip) designed specifically for fast-charging power banks. It supports multiple fast-charging protocols and manages the entire process from battery charging to voltage boosting for output. --- ### 1. Key Features and Protocols The IP5328 is popular because it eliminates the need for multiple discrete components by integrating them into a single chip. | Feature | Specification / Protocol | | :--- | :--- | | **Input Protocols** | PD3.0/PD2.0, QC3.0/QC2.0, FCP, AFC, SFCP | | **Output Protocols** | PD3.0/PD2.0, QC3.0/QC2.0, FCP, AFC, SFCP, MTK PE+ | | **Battery Type** | Lithium-ion or Lithium-polymer (3.0V to 4.5V) | | **Conversion Efficiency** | Up to 95% | | **Max Power** | Typically up to 18W (Support for 5V, 9V, 12V) | --- ### 2. Main Electronic Functional Blocks The internal architecture of the IP5328 consists of several critical stages: 1. **Synchronous Switching Regulator:** * Acts as a **Buck Converter** during charging (stepping down USB voltage to battery voltage). * Acts as a **Boost Converter** during discharging (stepping up battery voltage to 5V/9V/12V). 2. **Protocol Controller:** * Handles the handshake between the power bank and the connected device (Phone/Laptop) to negotiate the highest safe voltage. 3. **Battery Management System (BMS):** * Includes over-charge, over-discharge, and over-current protection. * Features a 14-bit ADC for accurate fuel gauge (battery percentage) calculation. 4. **Peripheral Drivers:** * Integrated drivers for 4 LED status indicators or an I2C interface for OLED/LCD screens. --- ### 3. External Component Requirements While the chip is "all-in-one," it requires specific external electronic parts to function on a PCB: | Component | Purpose | Recommended Value | | :--- | :--- | :--- | | **Power Inductor** | Energy storage for the DC-DC converter | 1.0uH to 2.2uH (High saturation current) | | **Input/Output Caps** | Filtering and stability | 22uF Low ESR Ceramic Capacitors | | **NTC Resistor** | Temperature monitoring | 10kΩ (Attached to the battery cell) | | **Buttons** | User interface | Momentary tact switch for "Wake/Check" | --- ### 4. Sample Schematic Logic (Pseudocode/Flow) ```c // Logic flow for IP5328 power management if (USB_C_Attached == INPUT) { Negotiate_PD_Voltage(); // Try to get 9V or 12V from charger Enter_Buck_Mode(); // Start charging battery } else if (Load_Detected == OUTPUT) { Identify_Device_Protocol(); // Check if QC or PD compatible Enter_Boost_Mode(); // Boost battery to 9V/12V } ``` --- ### 5. Common Variants * **IP5328P:** The most common version, supporting 2-way PD (Power Delivery) and multi-port control. * **IP5328:** Standard version with base fast-charge features.
    ✨ Follow-up Questions
    • ⤷ What are the differences between IP5328 and IP5328P?
    • ⤷ What is the recommended layout strategy for the power inductor to reduce EMI?
    • ⤷ Can the IP5328 be used with LifePO4 batteries?