Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IPZA65R040CM8

  • AI
    ### Overview of IPZA65R040CM8 The **IPZA65R040CM8** is a high-performance power semiconductor manufactured by **Infineon Technologies**. It belongs to the **CoolMOS™ C7 Gold (G7)** series, which is designed for high-efficiency power conversion in demanding environments. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of the device: | Parameter | Value | Description | | :--- | :--- | :--- | | **Technology** | SJ MOSFET | Superjunction N-Channel MOSFET | | **Drain-Source Voltage ($V_{DS}$)** | 650 V | Maximum voltage across drain and source | | **Resistance ($R_{DS(on)}$)** | 40 mΩ | Typical resistance when fully ON | | **Drain Current ($I_D$)** | 52 A | Continuous drain current at 25°C | | **Package Type** | TO-247 4-pin | Through-hole package with Kelvin Source | | **Total Gate Charge ($Q_g$)** | 86 nC | Charge required to switch the gate | --- ### 2. Physical and Structural Design The **IPZA** prefix indicates a specific package innovation: * **TO-247 4-pin Package:** Unlike standard 3-pin MOSFETs, this device includes a **Kelvin Source** connection. * **Kelvin Source Benefit:** By separating the power source path from the gate-drive return path, the device reduces the impact of source inductance. This allows for faster switching speeds and reduced switching losses. --- ### 3. Core Technologies & Features The "CM8" designation refers to the CoolMOS™ G7 technology branch, focusing on: 1. **Lower Ohmic Resistance:** The 40 mΩ rating is extremely low for a 650V device, significantly reducing conduction losses. 2. **Increased Power Density:** Designed to replace larger packages or multiple parallel components, saving PCB space. 3. **Enhanced Switching:** Optimized for high-frequency hard-switching and resonant topologies (like LLC or ZVS). --- ### 4. Applications The IPZA65R040CM8 is typically found in high-end industrial and consumer power systems: * **Server Power Supplies:** High-efficiency AC/DC stages (PFC). * **Telecom Rectifiers:** High-density power conversion. * **Solar Inverters:** Optimized for energy efficiency in string inverters. * **EV Charging Stations:** Fast-charging infrastructure requiring high voltage and current handling. --- ### 5. Simple Circuit Symbol Representation In a schematic, this is represented as an N-Channel Enhancement Mode MOSFET, but with an additional pin: ```text Drain (D) | ----------- | | Gate(G) --| |-- Kelvin Source (ks) | | ----------- | Source (S) - Power Path ```
    ✨ Follow-up Questions
    • ⤷ How does the Kelvin Source pin improve switching efficiency specifically?
    • ⤷ What are the thermal management requirements for the TO-247 4-pin package?
    • ⤷ Can this MOSFET be used in soft-switching topologies like LLC converters?