Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IRFP048NPBF..

  • AI
    ## Technical Overview of IRFP048NPBF The **IRFP048NPBF** is a high-power N-Channel enhancement mode MOSFET (Metal Oxide Semiconductor Field Effect Transistor) designed by Infineon (formerly International Rectifier). It is primarily used in applications requiring high-speed switching and high efficiency. --- ### 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Transistor Polarity** | N-Channel | | **Drain-to-Source Voltage ($V_{DSS}$)** | 55 V | | **Continuous Drain Current ($I_D$)** | 64 A (at $T_C = 25^\circ C$) | | **On-Resistance ($R_{DS(on)}$)** | 14 mΩ (0.014 Ω) | | **Package Type** | TO-247AC | | **Total Gate Charge ($Q_g$)** | 89 nC | | **Operating Temperature Range** | -55°C to +175°C | --- ### 2. Physical Construction and Pinout The device is housed in a **TO-247** package, which is favored for high-power applications due to its superior heat dissipation capabilities compared to smaller packages like TO-220. * **Pin 1 (Gate):** Controls the switching of the MOSFET. * **Pin 2 (Drain):** Connected to the load. * **Pin 3 (Source):** Connected to the ground or negative supply. * **Tab:** Usually connected to Pin 2 (Drain). --- ### 3. Core Features * **Low On-Resistance:** The 14mΩ resistance minimizes power loss during the "on" state, reducing heat generation. * **Advanced Process Technology:** Utilizes Fifth Generation HEXFET technology to achieve extremely low resistance per silicon area. * **Dynamic $dv/dt$ Rating:** Provides robustness against rapid voltage spikes. * **Fully Avalanche Rated:** Capable of handling energy spikes without immediate failure, enhancing circuit reliability. * **Lead-Free (PbF):** The "PBF" suffix indicates compliance with RoHS standards (lead-free). --- ### 4. Typical Applications The IRFP048NPBF is a versatile component often found in: 1. **DC-DC Converters:** High-frequency switching to step down or step up voltages. 2. **Motor Controllers:** Driving DC motors in robotics or industrial tools. 3. **Uninterruptible Power Supplies (UPS):** Used in the inverter stage to convert DC battery power back to AC. 4. **Solar Inverters:** Managing power flow from photovoltaic panels. --- ### 5. Implementation Example (Basic Switching) To turn the MOSFET "on," a voltage higher than the Gate Threshold ($V_{GS(th)}$, typically 2.0V to 4.0V) must be applied to the gate relative to the source. ```python # Conceptual logic for driving the MOSFET via a microcontroller if sensor_input > threshold: apply_voltage_to_gate(10V) # Fully saturates the MOSFET for lowest resistance else: pull_gate_to_ground(0V) # Turns the MOSFET off ```
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for the IRFP048NPBF when running at 64A?
    • ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller?
    • ⤷ What is the difference between IRFP048N and IRFP048NPBF?