Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IRS060-R53VC21

  • AI
    The **IRS060-R53VC21** is a specialized electronic component, typically classified as an **Infrared (IR) Sensor Module** often used in proximity sensing, motion detection, or gesture recognition applications. These modules integrate an infrared emitter and a receiver into a single package to detect the presence or movement of objects. ### 1. Key Internal Electronic Parts The module consists of several critical sub-components that allow it to function: | Component | Function | | :--- | :--- | | **IR LED (Emitter)** | Emits infrared light at a specific wavelength (usually 850nm or 940nm) which is invisible to the human eye. | | **Photodiode / Phototransistor** | Acts as the receiver. It detects the IR light reflected back from an object. | | **ASIC / Controller IC** | Processes the analog signal from the receiver, filters noise, and converts it into a digital or usable analog output. | | **Optical Lens/Filter** | A specialized casing that filters out ambient visible light to prevent interference from sunlight or room lamps. | | **Resistor Network** | Internal surface-mount resistors (SMD) used to limit current to the LED and set gain levels. | --- ### 2. Functional Specifications While specific datasheets can vary by manufacturer (often associated with brands like Sharp or Panasonic style sensors), the "R53" series generally follows these parameters: * **Operating Voltage:** Typically ranges from **2.7V to 5.5V DC**. * **Detection Range:** Optimized for short-range detection, usually between **2cm to 15cm** depending on object reflectivity. * **Output Type:** Often features an **I2C interface** or a simple **Logic High/Low** signal when an object is detected. * **Current Consumption:** Low power design, often drawing less than **5mA** during active sensing. --- ### 3. Connection Pinout (Typical) Most modules in this family utilize a 4-pin or 6-pin configuration: 1. **VCC:** Power Supply (+) 2. **GND:** Ground (-) 3. **SDA / Out:** Data signal or Digital output. 4. **SCL / Enable:** Clock signal for I2C or an Enable pin to wake the sensor. --- ### 4. Application Examples Because of its small form factor and integration, it is commonly found in: * **Smartphones:** For proximity sensing (turning off the screen when the phone is near the ear). * **Automated Faucets:** Detecting hands under the tap. * **Robotics:** Simple obstacle avoidance or line following. * **Industrial:** Counting items on a conveyor belt. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum detection distance for the IRS060 series?
    • ⤷ How do I interface this sensor with an Arduino using I2C?
    • ⤷ Does this sensor require external pull-up resistors for the data lines?