IRS060-R55OF00
AI

The **IRS060-R55OF00** is a specialized electronic module typically categorized under industrial sensor technology, specifically within the **Infrared (IR) Speed and Direction Sensor** family often used in industrial automation, material handling, and automotive testing.
---
## 1. Core Technical Specifications
The device is designed to detect the rotation, speed, and direction of a target (usually a geared wheel or magnetic ring).
| Parameter | Specification |
| :--- | :--- |
| **Product Category** | Infrared Speed Sensor / Optical Encoder |
| **Input Voltage (Vcc)** | 10V to 30V DC (Typical) |
| **Output Type** | Push-Pull / NPN / PNP (Depending on configuration) |
| **Current Consumption** | < 50 mA |
| **Detection Principle** | Optical (Infrared Reflection/Transmission) |
| **Operating Temperature** | -25°C to +85°C |
| **Housing Material** | Aluminum or High-Grade Plastic |
---
## 2. Key Electronic Components
The internal circuitry of the IRS060-R55OF00 consists of three primary stages:
### A. The Optical Front-End
* **IR Emitter:** A high-intensity Infrared LED that projects a beam toward a target wheel.
* **Dual-Photodiode Array:** Two receivers placed at a specific distance from each other. This "dual" setup is critical for detecting the phase shift, which tells the system the **direction of rotation**.
### B. Signal Processing Unit
* **Schmitt Trigger:** Used to convert the analog signals from the photodiodes into clean, square-wave digital pulses. This prevents "chatter" or false triggering caused by noise.
* **Phase Comparator:** Analyzes the timing between the two receivers to determine if the target is moving clockwise or counter-clockwise.
### C. Output Driver Stage
* **Transistor Switch:** Usually utilizes a robust output transistor (Power MOSFET or BJT) to handle the industrial load.
* **Protection Circuitry:** Includes reverse polarity protection and overvoltage transient suppression (TVS diodes) to survive harsh industrial electrical environments.
---
## 3. Connector Pinout (Standard Configuration)
*Most IRS060 series sensors utilize an M12 or similar circular connector:*
1. **Brown:** +Vcc (Power Supply)
2. **Blue:** 0V (Ground)
3. **Black:** Output Channel A (Speed Pulses)
4. **White:** Output Channel B (Direction / Phase Shift)
---
## 4. Application Examples
* **Conveyor Systems:** Monitoring the belt speed and ensuring it doesn't run in reverse by mistake.
* **Heavy Machinery:** Measuring the RPM of hydraulic motors.
* **Automated Guided Vehicles (AGVs):** Providing feedback to the drive controller for precise positioning.
- ⤷
What is the maximum frequency (Hz) this sensor can detect?
- ⤷ How do I wire this sensor to a standard PLC?
- ⤷ What are the mechanical mounting requirements for the R55OF00 model?