Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IRS060-R55OF21

  • AI
    Based on the specifications typically associated with industrial-grade display components and specialized controller boards (often used in kiosks, ATMs, or industrial monitors), the **IRS060-R55OF21** refers to a high-integration display assembly. Below is a breakdown of the electronic architecture and key technical components of this unit. --- ### 1. Electronic Component Breakdown The system is generally composed of three primary electronic layers: the **LCD Panel**, the **AD Controller Board**, and the **Backlight Driver**. | Component | Function | Typical Specifications | | :--- | :--- | :--- | | **LCD Panel** | The visual output device. | 15" to 21" (Size varies by sub-model), LED Backlit. | | **AD Board** | Analog-to-Digital conversion and scaling. | Realtek or MStar based chipsets. | | **Inverter/LED Driver** | Power management for the backlight. | Constant current circuit (12V/24V input). | | **OSD Control** | User interface for settings. | 5-button tactile switch interface. | --- ### 2. Key Technical Specifications From an electronics engineering perspective, these are the critical operating parameters for the IRS060-R55OF21: #### **A. Power Circuitry** * **Input Voltage:** Typically 12V DC (External power brick or internal header). * **Power Consumption:** ~20W - 35W depending on brightness settings. * **Protection:** Includes OVP (Over Voltage Protection) and OCP (Over Current Protection) on the main board. #### **B. Signal Interface** The unit utilizes standard industrial interfaces to communicate with a PC or Media Player: * **VGA (D-Sub):** For analog legacy support. * **DVI/HDMI:** For digital signal processing. * **LVDS:** The internal connection between the AD board and the LCD glass (usually 30-pin or 40-pin). #### **C. Physical & Environmental Electronics** * **Operating Temperature:** 0°C to 50°C (Standard) or -20°C to 70°C (Industrial Grade). * **MTBF (Mean Time Between Failures):** 50,000 hours for the LED backlight. --- ### 3. Integrated Controller Features The "IRS" series often features specific firmware optimizations for industrial use: 1. **Auto-Power On:** The electronics are designed to boot immediately when power is applied, bypassing the need for a manual power button press. 2. **Signal Sensing:** Automatic switching between active video inputs. 3. **Anti-Burn-in:** Software-level pixel shifting to protect the LCD crystals during static image display. --- ### 4. Connection Pinout (Example) In most configurations, the internal power connector follows this standard: ```markdown 1. +12V DC (Red) 2. +12V DC (Red) 3. Ground (Black) 4. Ground (Black) 5. Enable (Yellow/Green - 5V Logic) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact screen resolution supported by the IRS060-R55OF21?
    • ⤷ Does this model support capacitive or resistive touch input?
    • ⤷ Are there specific firmware tools required to program the AD board on this unit?