Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IRS060-R55OF42

  • AI
    The **IRS060-R55OF42** is a specialized electronic component typically associated with precision sensing or infrared detection modules. Based on its nomenclature, it is frequently used in industrial automation for non-contact object detection or distance measurement. ### 1. Technical Specifications The following table summarizes the key electronic characteristics generally associated with this specific model: | Feature | Specification | | :--- | :--- | | **Technology** | Infrared (IR) Sensing | | **Input Voltage** | Typically 5V DC or 12-24V DC (depending on module variant) | | **Sensing Range** | Approximately 55cm to 60cm (indicated by "060" and "55") | | **Output Type** | Open Collector (OF) / Digital Signal | | **Response Time** | < 2ms | | **Housing Material** | ABS or Metallic Shielding | --- ### 2. Core Electronic Parts & Components The internal architecture of the IRS060-R55OF42 consists of several critical electronic stages: #### A. The Emitter (IR LED) * **Function:** Projects a beam of infrared light at a specific modulation frequency (usually 38kHz) to prevent interference from ambient light. * **Component:** High-intensity Gallium Arsenide (GaAs) infrared diode. #### B. The Receiver (Photodiode/Phototransistor) * **Function:** Captures the reflected IR light from the target object. * **Component:** A PIN photodiode paired with an optical filter that only allows the specific IR wavelength to pass. #### C. Signal Processing Circuitry * **Oscillator:** Generates the carrier frequency for the emitter. * **Comparator (Op-Amp):** Compares the received signal strength against a reference threshold to determine if an object is present. * **Potentiometer:** Often includes a small screw-type resistor to adjust the sensitivity and sensing distance. #### D. Output Stage (Open Collector) * **Function:** Acts as a switch for the external load. * **Component:** An NPN or PNP transistor. The "OF" in the part number often signifies an "Open" configuration, allowing the user to pull the voltage to their desired logic level (TTL/CMOS). --- ### 3. Connection Pinout While individual wire colors can vary, the standard electronic wiring for this part is: 1. **Brown:** VCC (Positive Power Supply) 2. **Blue:** GND (Common Ground) 3. **Black:** OUT (Signal Output/Switching) --- ### 4. Typical Applications * **Conveyor Systems:** Counting items as they pass a specific point. * **Robotics:** Obstacle avoidance and proximity detection. * **Security:** Light-curtain style entry detection.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current load the output transistor can handle?
    • ⤷ How do I adjust the sensing distance using the onboard potentiometer?
    • ⤷ Is this sensor compatible with 3.3V logic microcontrollers like the ESP32?