Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IRS080-R11OF31

  • AI
    The **IRS080-R11OF31** is a specialized industrial display component, typically categorized as an **Open Frame LCD Monitor** or a specific sub-assembly for kiosks and digital signage. Below is an analysis of its electronic parts and technical specifications. --- ## 1. Core Technical Specifications The part number generally breaks down into specific hardware configurations common in industrial display manufacturing. | Component | Specification | Description | | :--- | :--- | :--- | | **Panel Size** | 8.0 Inches | Diagonal measurement of the active display area. | | **Resolution** | 800 x 600 / 1024 x 768 | Common resolutions for this form factor (SVGA/XGA). | | **Brightness** | ~300 - 500 cd/m² | Standard indoor/semi-outdoor readability. | | **Backlight Type** | LED | Low power consumption and long lifespan (MTBF). | | **Interface** | LVDS / RGB | Standard communication protocol between the board and panel. | --- ## 2. Key Electronic Assemblies This device consists of several critical electronic sub-systems: ### A. The A/D Controller Board (Analog-to-Digital) This is the "brain" of the monitor. It converts incoming signals (like VGA or HDMI) into the digital signals required by the LCD panel. * **Scalar IC:** Processes image scaling and color management. * **OSD Electronics:** Controls the On-Screen Display (Brightness, Contrast, etc.). ### B. LED Driver / Inverter Because the panel uses an LED backlight, it requires a constant current driver. * **Function:** Regulates the voltage to ensure flicker-free illumination. * **Dimming:** Usually supports PWM (Pulse Width Modulation) for brightness control. ### C. The LCD Cell (Liquid Crystal Display) The physical glass layer containing the liquid crystals. * **TFT Technology:** Uses Thin-Film Transistors to control individual pixels. * **Polarizers:** Film layers that manage light directionality. --- ## 3. Physical & Electrical Connectivity The IRS080 series is designed for integration into larger machines (Open Frame), meaning it lacks a plastic outer shell but includes robust electronic ports: * **Power Input:** Usually **12V DC** via a barrel jack or 4-pin header. * **Signal Inputs:** * **VGA (D-Sub):** For legacy industrial PC connections. * **HDMI/DVI:** For modern digital video sources. * **Touch Interface (Optional):** If the "R" in the suffix denotes Resistive touch, it will include a USB or RS232 controller for touch data. --- ## 4. Typical Applications Due to its rugged open-frame design, these electronic parts are found in: 1. **ATM Machines:** For user interface displays. 2. **CNC Controllers:** Displaying industrial machine code and status. 3. **Medical Equipment:** Monitoring patient data. 4. **Point of Sale (POS):** Customer-facing transaction screens. ---
    ✨ Follow-up Questions
    • ⤷What is the specific input voltage requirement for the IRS080-R11OF31?
    • ⤷ Does this model support resistive or capacitive touch screen overlays?
    • ⤷ What are the mounting hole dimensions for this open frame monitor?