Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IRS080-R11OF42

  • AI
    The **IRS080-R11OF42** is a specialized electronic component, typically categorized as an **Optical Incremental Rotary Encoder** or a specific industrial sensor module used in motion control systems. Below is a breakdown of its core electronic characteristics and components. --- ### 1. Technical Specifications The part number typically defines the electrical interface, resolution, and physical construction. | Parameter | Typical Specification | Description | | :--- | :--- | :--- | | **Type** | Incremental | Generates pulses relative to motion. | | **Output Phase** | A, B, Z | Quadrature signals + Index pulse for homing. | | **Supply Voltage** | 5V DC or 12-24V DC | Depends on the driver IC used internally. | | **Resolution** | 800 - 1024 PPR | Pulses per revolution (model dependent). | | **Output Type** | Push-Pull / Line Driver | RS422 compatible or Open Collector. | --- ### 2. Core Electronic Components Inside the IRS080-R11OF42 housing, the following electronic subsystems work together: #### A. Optical Sensing Unit * **LED Emitter:** An infrared LED that projects light toward a coded disk. * **Coded Disk:** A glass or plastic disk with transparent and opaque radial lines. * **Photodetector Array:** An ASIC (Application Specific Integrated Circuit) containing photodiodes that convert light patterns into electrical currents. #### B. Signal Processing Circuitry * **Comparator/Schmitt Trigger:** Converts the analog sine-wave signals from the photodiodes into clean square-wave digital pulses. * **Quadrature Logic:** Ensures Phase A and Phase B are $90^\circ$ apart, allowing the controller to determine the **direction** of rotation. #### C. Output Driver Stage * **Line Driver (e.g., AM26C31):** Used for long-distance transmission to minimize electromagnetic interference (EMI). * **Protective Components:** Includes TVS diodes for ESD protection and decoupling capacitors to filter power supply noise. --- ### 3. Wiring and Pinout Configuration While colors may vary by manufacturer (often generic industrial standards), the electronic interface usually follows this logic: 1. **Vcc/Red:** Positive Power Supply. 2. **GND/Black:** Common Ground. 3. **Phase A / Phase B:** Speed and Direction data. 4. **Phase Z:** Once-per-revolution reference signal. 5. **Shield:** Connected to the metal casing to prevent RF noise. --- ### 4. Typical Applications * **CNC Machinery:** Feedback for spindle speed. * **Robotics:** Precise joint positioning. * **Conveyor Systems:** Synchronizing motor speeds across a line.
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage range for this specific model?
    • ⤷ How do I troubleshoot a 'no signal' error on Phase A?
    • ⤷ Can this encoder be replaced with a magnetic hall-effect alternative?